Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMH3020B Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OMH3020B
Description  High Reliability Hallogic Hall-Effect Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3020B Datasheet(HTML) 4 Page - OPTEK Technologies

  OMH3020B Datasheet HTML 1Page - OPTEK Technologies OMH3020B Datasheet HTML 2Page - OPTEK Technologies OMH3020B Datasheet HTML 3Page - OPTEK Technologies OMH3020B Datasheet HTML 4Page - OPTEK Technologies OMH3020B Datasheet HTML 5Page - OPTEK Technologies OMH3020B Datasheet HTML 6Page - OPTEK Technologies OMH3020B Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue H
11/2011
Page 4 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
High Reliability Hallogic Hall-Effect Sensors
OMH090 OMH3019, OMH3020, OMH3040, OMH3075,
OMH3131 (B, S versions)
Notes:
(1) South pole facing symbolized surface.
Electrical Characteristics (VCC = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OMH3020, OMH3020B, OMH3020S Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
70
-
220
-
350
425
Gauss
+25°C
-55°C & +125°C
BRP
Magnetic Release Point
50
25
180
-
330
-
Gauss
+25°C
-55°C & +125°C
BH
Magnetic Hysteresis
15
10
55
-
200
-
Gauss
+25°C
-55°C & +125°C
Icc
Supply Current
-
4
7
mA
VCC = 24 V, Output On, B ≤ 50 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
VCC = 4.5 V, IOL = 15 mA, B ≥ 350 Gauss
IOH
Output Leakage Current
-
0.10
10
µA
VCC = 24 V, VOUT = 24 V, B ≤ 50 Gauss
tr
Output Rise Time
-
0.21
1
µs
tf
Output Fall Time
-
0.10
1
µs
RL = 820 Ω, CL = 20 pF, VCC = 12 V
(guaranteed not tested)
Electrical Characteristics (VCC = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OMH3040, OMH3040B, OMH3040S Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point(1)
70
75
150
-
200
270
Gauss
+25°C
-55°C & +125°C
BRP
Magnetic Release Point
50
25
115
-
180
210
Gauss
+25°C
-55°C & +125°C
BH
Magnetic Hysteresis
10
20
35
-
60
-
Gauss
+25°C
-55°C & +125°C
Icc
Supply Current
-
-
4
-
7
8
10
mA
+25°C, VCC = 24 V, Output On, B ≥ 300 Gauss
+125°C
-55°C
VOL
Output Saturation Voltage
-
100
400
mV
VCC = 4.5 V, IOL = 20 mA, B ≥ 250 Gauss
IOH
Output Leakage Current
-
-
-
-
0.10
-
11
10
12
µA
-55°C, VCC = 24V, VOUT = 24V, B ≤ 75 Gauss
+25°C, VCC = 24V, VOUT = 24V, B ≤ 100 Gauss
+125°C ,VCC = 24V, VOUT = 24V, B ≤ 75 G
tr
Output Rise Time
-
0.21
1
µs
tf
Output Fall Time
-
0.10
1
µs
RL = 820 Ω, CL = 20 pF, VCC = 12 V
(guaranteed not tested)


Similar Part No. - OMH3020B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OMH3020B TTELEC-OMH3020B Datasheet
415Kb / 7P
   High Reliability Hallogic짰 Hall-Effect Sensors
More results

Similar Description - OMH3020B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH090B OPTEK-OMH090B Datasheet
101Kb / 2P
   high Reliability Hallogic Hall Effect Sensor
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com