Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN4N23 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # JAN4N23
Description  Hi-Reliability Optically Coupled Isolator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

JAN4N23 Datasheet(HTML) 3 Page - OPTEK Technologies

  JAN4N23 Datasheet HTML 1Page - OPTEK Technologies JAN4N23 Datasheet HTML 2Page - OPTEK Technologies JAN4N23 Datasheet HTML 3Page - OPTEK Technologies JAN4N23 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue F
02/2014
Page 3 of 4
Hi-Reliability Optically Coupled Isolator
JAN / JANTX / JANTXV 4N22, 4N23, 4N24 [A]
Electrical Characteristics
(TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX UNITS
TEST CONDITIONS
Onput Diode
VF
Forward Voltage
0.80
1.00
0.70
-
-
-
1.50
1.70
1.30
V
IF = 10.0 mA
IF = 10.0 mA, TA = -55° C
(1)
IF = 10.0 mA, TA = +100° C
(1)
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
Output Phototransistor
V(BR)CEO Collector-Emitter Breakdown Voltage
40
-
-
V
IC = 1.0 mA, IB= 0, IF= 0
V(BR)CBO Collector-Base Breakdown Voltage
45
-
-
V
IC = 100 µA, IB= 0, IF= 0
V(BR)EBO Emitter-Base Breakdown Voltage
7
-
-
V
IE = 100 µA, IC= 0, IF= 0
IC(OFF)
Collector-Emitter Dark Current
-
-
100
100
nA
µA
VCE = 20 V, IB= 0, IF= 0
VCE = 20 V, IB= 0, IF= 0, TA = 100ºC
ICB(OFF)
Collector-Base Dark Current
-
-
100
nA
VCB = 20 V, IE= 0, IF= 0
Coupled
IC(ON)
On-State Collector Current
JAN / JANTX / JANTXV 4N22 [A]
0.15
2.50
1.00
1.00
-
-
-
-
-
-
-
-
mA
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
JAN / JANTX / JANTXV 4N23 [A]
0.20
6.00
2.50
2.50
-
-
-
-
-
-
-
-
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
JAN / JANTX / JANTXV 4N24 [A]
0.40
10.0
4.00
4.00
-
-
-
-
-
-
-
-
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = -55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
VCE(SAT)
Collector-Emitter Saturation Voltage
JAN / JANTX / JANTXV 4N22 [A]
JAN / JANTX / JANTXV 4N23 [A]
JAN / JANTX / JANTXV 4N24 [A]
-
-
-
-
-
-
0.30
0.30
0.30
V
IF = 20 mA , IC = 2.5 mA, IB = 0
IF = 20 mA , IC = 5.0 mA, IB = 0
IF = 20 mA , IC = 10.0 mA, IB = 0
HFE
DC Current Gain
100
-
-
V
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
RIO
Resistance (Input-to-Output)
1011
-
-
V10 = ± 1.0 VDC
(3)
CIO
Capacitance (Input-to-Output)
-
-
5
pF
VI-O = 0 V, f = 1.0 MHz
(3)
TR, TF
Output Rise and Fall Time
-
-
20.0
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
Notes:
1. Guaranteed but not tested.
2. Sample tested, LTPD = 10.
3. Measured with input leads shorted together and output leads shorted together.
This product is built, tested and shipped from the USA


Similar Part No. - JAN4N23

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JAN4N23 MICROPAC-JAN4N23 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JAN4N23A MICROPAC-JAN4N23A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
More results

Similar Description - JAN4N23

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com