Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N23 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # 4N23
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N23 Datasheet(HTML) 1 Page - OPTEK Technologies

  4N23 Datasheet HTML 1Page - OPTEK Technologies 4N23 Datasheet HTML 2Page - OPTEK Technologies 4N23 Datasheet HTML 3Page - OPTEK Technologies 4N23 Datasheet HTML 4Page - OPTEK Technologies 4N23 Datasheet HTML 5Page - OPTEK Technologies 4N23 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 1 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Features:
TO-78 hermetically sealed package
High current transfer ratio
1 kV electrical isolation
Base contact provided for conventional transistor biasing
TX and TXV devices processed to MIL-PRF-19500
Patent No. 4124860
Applications:
High-voltage isolation
between input and output
Electrical isolation in dirty
environments
Industrial equipment
Medical equipment
Office equipment
Description:
Each isolator in this series consists of an infrared emitting diode and a NPN silicon phototransistor, which are
mounted in a hermetically sealed TO-78 package. Devices are designed for military and/or harsh environments.
The suffix letter “A” denotes the collector is electrically isolated from the case.
The 4N22, 4N22A, 4N23, 4N23A,4N24, and 4N24A (TX, TXV) devices are processed to MIL-PRF-19500/486.
The 4N47, 4N47A, 4N48, 4N48A, 4N49, and 4N49A (TX, TXV) devices are processed to MIL-PRF-19500/548.
Please contact your local representative or OPTEK for more information.
Ordering Information
Part
Number
Isolation
Voltage (kV)
IF (mA)
Typ / Max
VCE
(Volts)
Max
Processing
MIL-PRF-
195000
4N22 or 4N22A
1
10 / 40
35
COTS
4N22TX or 4N22ATX
486
4N22TXV or 4N22ATXV
4N23 or 4N23A
COTS
4N23TX or 4N23ATX
486
4N23TXV or 4N23ATXV
4N24 or 4N24A
COTS
4N24TX or 4N24ATX
486
4N24TXV or 4N24ATXV
4N47 or 4N47A
1 / 40
40
COTS
4N47TX or 4N47ATX
548
4N47TXV or 4N47ATXV
4N48 or 4N48A
COTS
4N48TX or 4N48ATX
548
4N48TXV or 4N4A8TXV
4N49 or 4N49A
COTS
4N49TX or 4N49ATX
548
4N49TXV or 4N49ATXV


Similar Part No. - 4N23

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N23 MICROPAC-4N23 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
TT Electronics.
4N23 TTELEC-4N23 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
Micropac Industries
4N23A MICROPAC-4N23A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N23A NJSEMI-4N23A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
TT Electronics.
4N23A TTELEC-4N23A Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - 4N23

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com