Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX4N22 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # JANTX4N22
Description  Hi-Reliability Optically Coupled Isolator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

JANTX4N22 Datasheet(HTML) 4 Page - OPTEK Technologies

  JANTX4N22 Datasheet HTML 1Page - OPTEK Technologies JANTX4N22 Datasheet HTML 2Page - OPTEK Technologies JANTX4N22 Datasheet HTML 3Page - OPTEK Technologies JANTX4N22 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue F
02/2014
Page 4 of 4
Hi-Reliability Optically Coupled Isolator
JAN / JANTX / JANTXV 4N22, 4N23, 4N24 [A]
Typical Performance Curves
Collector Current vs Forw ard Current vs Tem perature
0%
100%
200%
300%
400%
500%
600%
700%
0.0
1.0
2.0
3.0
4.0
5.0
I
F - Forw ard current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°
Normalized at
+25°C
Normalized Collector Current Vs
Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105° +125°
Temperature (°C)
IF = 1mA
Nor mal i zed at +25°C
I F = 1 mA and V CE = 5
Normalized Collector Current Vs
Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85° +105° +125°
Temperature (°C)
IF=2mA
Nor malizedat +25°C
IF=2mA andVCE =5V
Forw ard Voltage vs Forw ard Current vs Tem perature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
I
F - For w ar d Cur r e nt (m A)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
This product is built, tested and shipped from the USA


Similar Part No. - JANTX4N22

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JANTX4N22 MICROPAC-JANTX4N22 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JANTX4N22A MICROPAC-JANTX4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
More results

Similar Description - JANTX4N22

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com