Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8806PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8806PWPR
Description  QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8806PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8806PWPR Datasheet HTML 5Page - Texas Instruments DRV8806PWPR Datasheet HTML 6Page - Texas Instruments DRV8806PWPR Datasheet HTML 7Page - Texas Instruments DRV8806PWPR Datasheet HTML 8Page - Texas Instruments DRV8806PWPR Datasheet HTML 9Page - Texas Instruments DRV8806PWPR Datasheet HTML 10Page - Texas Instruments DRV8806PWPR Datasheet HTML 11Page - Texas Instruments DRV8806PWPR Datasheet HTML 12Page - Texas Instruments DRV8806PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LATCH
SCLK
SDATI
1
2
3
4
6
7
8
2
3
4
5
6
7
8
OUTB4
SDATO
PREVIOUS WRITE DATA
OUTx
OLD OUTPUT
NEW OUTPUT
5
OUTA4
OUTB3
OUTB2
OUTB1
OUTA3
OUTA2
OUTA1
1
Fault data latched
FLTB4
FLTA4
FLTB3
FLTB2
FLTB1
FLTA3
FLTA2
FLTA1
SCLK
RESET
nFAULT
SDATIN
LATCH
SCLK
RESET
SDATOUT
SDATIN
LATCH
nFAULT
SCLK
RESET
SDATOUT
SDATIN
LATCH
nFAULT
SDATOUT
DRV8806 “A”
DRV8806 “B”
+
+
DRV8806
www.ti.com
SLVSBA3 – JUNE 2012
Daisy-Chain Connection
Two or more DRV8806 devices may be connected together to use a single serial interface. The SDATOUT pin of
the first device in the chain is connected to the SDATIN pin of the next device. The SCLK, LATCH, RESET, and
nFAULT pins are connected together.
Figure 4. Daisy-Chain Connection
Figure 5 shows an example of a serial transaction, writing the output bits, and then reading the fault status bits,
using two devices connected together in a daisy-chain.
Note that the LATCH signal must be high for a minimum of 200 ns before valid data can be clocked out.
Figure 5. Daisy-Chain Serial Transaction
nENBL and RESET Operation
The nENBL pin enables or disables the output drivers. nENBL must be low to enable the outputs. nENBL does
not affect the operation of the serial interface logic. Note that nENBL has an internal pulldown.
The RESET pin, when driven active high, resets internal logic, including the OCP fault. All serial interface
registers are cleared. Note that RESET has an internal pulldown. An internal power-up reset is also provided, so
it is not required to drive RESET at power-up.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8806


Similar Part No. - DRV8806PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8806PWPR TI1-DRV8806PWPR Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results

Similar Description - DRV8806PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com