Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1C471GP Datasheet(PDF) 4 Page - Pacific Silicon Sensor,Inc.

Part # EEEFK1C471GP
Description  Aluminum Electrolytic Capacitors/ FK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEEFK1C471GP Datasheet(HTML) 4 Page - Pacific Silicon Sensor,Inc.

  EEEFK1C471GP Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEEFK1C471GP Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEEFK1C471GP Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EEEFK1C471GP Datasheet HTML 4Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE66 –
Endurace 5000 h Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
6.3
470
8
10.2
F
600
0.16
0.26
EEEFK0J471GP
(2)
500
1000
8
10.2
F
600
0.16
0.26
EEEFK0J102GP
(2)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152GP
(2)
500
10
330
8
10.2
F
600
0.16
0.19
EEEFK1A331GP
(2)
500
470
8
10.2
F
600
0.16
0.19
EEEFK1A471GP
(2)
500
680
8
10.2
F
600
0.16
0.19
EEEFK1A681GP
(2)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102GP
(2)
500
16
330
8
10.2
F
600
0.16
0.16
EEEFK1C331GP
(2)
500
470
8
10.2
F
600
0.16
0.16
EEEFK1C471GP
(2)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681GP
(2)
500
25
150
8
10.2
F
600
0.16
0.14
EEEFK1E151GP
(2)
500
220
8
10.2
F
600
0.16
0.14
EEEFK1E221GP
(2)
500
330
8
10.2
F
600
0.16
0.14
EEEFK1E331GP
(2)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471GP
(2)
500
35
100
8
10.2
F
600
0.16
0.12
EEEFK1V101GP
(2)
500
150
8
10.2
F
600
0.16
0.12
EEEFK1V151GP
(2)
500
220
8
10.2
F
600
0.16
0.12
EEEFK1V221GP
(2)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331GP
(2)
500
50
100
8
10.2
F
350
0.34
0.10
EEEFK1H101GP
(2)
500
150
10
10.2
G
6700.18
0.10
EEEFK1H151GP
(2)
500
220
10
10.2
G
6700.18
0.10
EEEFK1H221GP
(2)
500
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Endurance : 105 °C 5000 h
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
100
22
8
10.2
F
1301.30
0.07
EEEFK2A220P
(2)
500
33
10
10.2
G
200
0.70
0.07
EEEFK2A330P
(2)
500
47
12.5
13.5
H13
500
0.32
0.07
EEVFK2A470Q
(3)
200
68
12.5
13.5
H13
500
0.32
0.07
EEVFK2A680Q
(3)
200
100
16
16.5
J16
793
0.17
0.07
EEVFK2A101M
(3)
125
150
16
16.5
J16
793
0.17
0.07
EEVFK2A151M
(3)
125
220
18
16.5
K16
917
0.153
0.07
EEVFK2A221M
(3)
125
330
18
16.5
K16
917
0.153
0.07
EEVFK2A331M
(3)
125
Endurance : 105 °C 2000 h (
> φ12.5 : 5000 h)
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Jun. 2011
01


Similar Part No. - EEEFK1C471GP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1C471GP PANASONIC-EEEFK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1C471GP PANASONIC-EEEFK1C471GP Datasheet
83Kb / 4P
   Aluminum Electrolytic Capacitors
EEEFK1C471GP PANASONIC-EEEFK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1C471GP PANASONIC-EEEFK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1C471GP PANASONIC-EEEFK1C471GP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results

Similar Description - EEEFK1C471GP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com