Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62T22-N10-040C Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 62T22-N10-040C
Description  Thumbwheel with Pushbutton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62T22-N10-040C Datasheet(HTML) 2 Page - Grayhill, Inc

  62T22-N10-040C Datasheet HTML 1Page - Grayhill, Inc 62T22-N10-040C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SPeCiFiCATiONS
environmental Specifications
MIL-STD-810FQualified
Operating Temperature range: -400C to850C
Storage Temperature range: -550Cto1000C
Humidity: 240hoursat95%humidity
at300C
Mechanical Vibration: Harmonicmotionwith
amplitudeof15g,withinavariedfrequencyof
10to2000Hz
Mechanical Shock:
Test1:100gfor6mshalf-sinewavewitha
velocitychangeof12.3ft/sec
Test2:100gfor6mssawtoothwavewitha
velocitychangeof9.7ft/sec
Pushbutton electrical and
Mechanical Specifications
rating: 10mA@5Vdc
Contact resistance: <10ohms
Life: 3 million actuations minimum
Contact Bounce: <4msmake,<10ms
break
Actuation Force: N–None,7–700g,
10–1000g.
Thumbwheel Travel: .060± .015in
rotary electrical and Mechanical
Specifications
Operating Voltage: 5.00±0.25Vdc
Supply Current: 25mAMax.
Output: Opencollectorphototransistor,
externalpullupresistorsarerequired
Output Code: Two-bitquadrature,channelA
leadschannelBby90° electricallyduring
clockwiserotationofthethumbwheel
Logichighshallbenolessthan3.8Vdc
Logiclowshallbenogreaterthan0.8Vdc
Power Consumption: 125mWMax.
Mechanical Life: 1,000,000cyclesof
operationforLowandNon-RotationalTorque.
500,000cyclesofoperationforMedium
RotationalTorque.1cycleisarotation
throughallpositionsandafullreturn.
Average rotational Torque:
M:2.2±.75in-oz,L:1.2±0.5in-oz,N:<0.50
in-oz.Initiallytorqueshallbewithin75%of
initialvaluethroughoutlife.
Materials and Finishes
Face Plate: Plastic
Housing: ABSPlastic
Side Plate: Reinforcedthermoplastic
Wiper: Siliconerubberwithadhesive
Gasket: Siliconerubberwithadhesive
Wheel: Plastic
Shaft: Aluminum
Slide Springs: Musicwire
Detent Spring: Musicwire
Detent Balls:Nickelplatedstainlesssteel
PC Boards: NEMAgradeFR4.Doubleclad
withcopper
Platedwithgoldovernickel
Pushbuttonboardistinplatingovercopper
LeD: GalliumAluminumArsenide
Phototransistor: GoldandAluminumAlloys
Code Section Housing: Reinforcedplastic
Detent Housing: Thermoplastic
Code rotor: Delrin100plastic
Dome: Stainless steel
Dome retainer: Delrin100plastic
Slide rods: Stainless steel
Splining Key: Stainless steel
Actuator: Reinforcedthermoplastic
Screws: AluminumorStainless
Wiper Plate: Copper
Solder: Leadfree(96.5%tin,3%silver,0.5%
copper,noclean)
WAVeFOrM AND TrUTH TABLe
Available from your local Grayhill Component Distributor.Forpricingandiscounts,contactalocalSalesOffice,anauthorizedlocal
Distributor,orGrayhill.
90˚±45˚
1
2
3
4
5
6
R*
R*
N.O.,MOMENTARY
PUSHBUTTONSWITCH
+5Vdc
OUTPUT"A"
OUTPUT"B"
GROUND
PUSHBUTTON
PUSHBUTTON
R*-TWO2.2KRESISTORSREQUIREDFOROPERATION.
POSITION
OUTPUTA
OUTPUTB
#1
#2
#3
#4
Indicateslogichigh;blankindicateslogiclow.
Coderepeatsevery4positions.
POS
#1
POS
#2
POS
#3
POS
#4
POS
#5
POS
#6
OUTPUTA
HIGH(3.8-5V)
LOW(0-.8V)
OUTPUTB
HIGH(3.8-5V)
LOW(0-.8V)
62T22-XX-040C
Series
PushbuttonOption:0=NoPushbutton,7=700grams,10=1000grams
Termination:C=.050CenterribbonCablewithconnector
CableTermination:040=4.0inches.CableisterminatedwithAmpConnectorP/N
7-215083-6.
See AmpMateabilityGuideforMatingConnectordetails.
RotationalTorque:N=Non-Detent,L=LowTorque,M=MediumTorque
AngleofThrow:22=22.5°forcodechangeand16detentpositions


Similar Part No. - 62T22-N10-040C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
62T02GJ VBSEMI-62T02GJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
62T03GJ VBSEMI-62T03GJ Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Belden Inc.
62T1602 BELDEN-62T1602 Datasheet
146Kb / 2P
   Inst, 2 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1604 BELDEN-62T1604 Datasheet
148Kb / 2P
   Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1604-0105000 BELDEN-62T1604-0105000 Datasheet
148Kb / 2P
   Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results

Similar Description - 62T22-N10-040C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
   Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
logo
Omron Electronics LLC
A7F OMRON-A7F Datasheet
329Kb / 4P
   SCSI Thumbwheel Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com