Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP3C10E144C7N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP3C10E144C7N
Description  1. Cyclone III Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10E144C7N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP3C10E144C7N Datasheet HTML 2Page - Altera Corporation EP3C10E144C7N Datasheet HTML 3Page - Altera Corporation EP3C10E144C7N Datasheet HTML 4Page - Altera Corporation EP3C10E144C7N Datasheet HTML 5Page - Altera Corporation EP3C10E144C7N Datasheet HTML 6Page - Altera Corporation EP3C10E144C7N Datasheet HTML 7Page - Altera Corporation EP3C10E144C7N Datasheet HTML 8Page - Altera Corporation EP3C10E144C7N Datasheet HTML 9Page - Altera Corporation EP3C10E144C7N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1–6
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Architecture
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Table 1–5 lists Cyclone III device family configuration schemes.
Cyclone III Device Family Architecture
Cyclone III device family includes a customer-defined feature set that is optimized for
portable applications and offers a wide range of density, memory, embedded
multiplier, and I/O options. Cyclone III device family supports numerous external
memory interfaces and I/O protocols that are common in high-volume applications.
The Quartus II software features and parameterizable IP cores make it easier for you
to use the Cyclone III device family interfaces and protocols.
The following sections provide an overview of the Cyclone III device family features.
Logic Elements and Logic Array Blocks
The logic array block (LAB) consists of 16 logic elements and a LAB-wide control
block. An LE is the smallest unit of logic in the Cyclone III device family architecture.
Each LE has four inputs, a four-input look-up table (LUT), a register, and output logic.
The four-input LUT is a function generator that can implement any function with four
variables.
f For more information about LEs and LABs, refer to the Logic Elements and Logic Array
Blocks in the Cyclone III Device Family chapter.
Cyclone III
LS
EP3CLS70
C7, C8, I7 C7, C8, I7
C7, C8,
I7
EP3CLS100
C7, C8, I7 C7, C8, I7
C7, C8,
I7
EP3CLS150
C7, C8, I7
C7, C8,
I7
EP3CLS200
C7, C8, I7
C7, C8,
I7
Table 1–4. Cyclone III Device Family Speed Grades (Part 2 of 2)
Family
Device
E144
M164
P240
F256
U256
F324
F484
U484
F780
Table 1–5. Cyclone III Device Family Configuration Schemes
Configuration Scheme
Cyclone III
Cyclone III LS
Active serial (AS)
v
v
Active parallel (AP)
v
Passive serial (PS)
v
v
Fast passive parallel (FPP)
v
v
Joint Test Action Group (JTAG)
v
v


Similar Part No. - EP3C10E144C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10E144C7 ALTERA-EP3C10E144C7 Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
More results

Similar Description - EP3C10E144C7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com