Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61A8-060 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 61A8-060
Description  Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61A8-060 Datasheet(HTML) 1 Page - Grayhill, Inc

  61A8-060 Datasheet HTML 1Page - Grayhill, Inc 61A8-060 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SerieS 61A
Custom, Absolute
FeAtureS
•AbsolutePositionSensing
•3,4,or5-BitCustomOutputCoding
•8to32Positions
•FixedStopsOnly
•AnglesofThrowto45°(Design
SpecificationsWillDictatetheAngle
ofThrow)
DimenSionS ininches(andmillimeters)
UNLESS OTHERWISE SPECIFIED, DIMENSION TOLERANCES ARE AS FOLLOWS: LINEAR ±.010 (0,25), DIAMETERS ±.010 (0,25), ANGULAR ±5
.875±.005
SQUARE
.562
3 PLACES
.320±.005
(BUSHING FLATS)
.218±.005
.688
3 PLACES
.331
.250
.780±.025
.248/.250
.093
6.000±.300
3/8-32 UNEF 2A
THREAD
MOUNTING
SURFACE
CONNECTOR IS
MOLEX P/N
14-56-2074


Similar Part No. - 61A8-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61A8-060 GRAYHILL-61A8-060 Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 61A8-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61A GRAYHILL-61A Datasheet
5Mb / 33P
   Custom, Absolute
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
   absolute or incremental encoder output
logo
List of Unclassifed Man...
FPM-15PA ETC-FPM-15PA Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
logo
Central Semiconductor C...
1N4148 CENTRAL-1N4148 Datasheet
752Kb / 7P
   Custom bar coding for shipments
1N4728A CENTRAL-1N4728A Datasheet
601Kb / 5P
   Custom bar coding for shipments
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
logo
Analog Devices
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com