Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC09D3301F Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELC09D3301F
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC09D3301F Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELC09D3301F Datasheet HTML 2Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 3Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 4Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 5Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 6Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 7Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 8Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 9Page - Panasonic Semiconductor ELC09D3301F Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
4ÐB 1.2±0.1
11.3±0.1
B 19.0 max.
11.3±0.5
4ÐB 0.8
(Top View)
Tape running direction
Marking B9.5 max.
B4.0
0.6
1.3 max. 1.3 max.
2.0 max.
2.0 max.
12.7
12.7
5.0±1.0
3.85
5.0
500 pcs./reel
n Tape Dimensions in mm for Type 09D (not to scale)
ELC15E100L
10
0.018
5.40
ELC15E180L
18
±20
0.024
4.50
ELC15E330L
33
0.032
4.00
ELC15E560L
56
0.039
3.60
ELC15E101L
100
0.053
3.00
ELC15E181L
180
0.100
2.30
ELC15E331L
330
10
0.170
1.60
ELC15E561L
560
±10
0.280
1.20
ELC15E102L
1000
0.490
0.95
ELC15E182L
1800
0.870
0.75
ELC15E332L
3300
1.600
0.53
ELC15E562L
5600
2.600
0.39
ELC15E103L
10000
4.600
0.30
DCR.(W)
[at 20ûC]
(Tol.±20 %)
Test Freq.
(kHz)
Tolerance
(%)
Inductance
(µH)
Part No.
n Examples Type 15E111L
*IDC.
[at 20ûC]
(A)max.
ELC18E100L
10
0.014
5.90
ELC18E180L
18
±20
0.019
5.20
ELC18E330L
33
0.026
4.60
ELC18E560L
56
0.031
3.80
ELC18E101L
100
0.044
3.00
ELC18E181L
180
0.067
2.50
ELC18E331L
330
10
0.110
1.90
ELC18E561L
560
±10
0.170
1.40
ELC18E102L
1000
0.280
1.00
ELC18E182L
1800
0.570
0.80
ELC18E332L
3300
1.000
0.60
ELC18E562L
5600
1.600
0.46
ELC18E103L
10000
2.700
0.33
DCR.(W)
[at 20ûC]
(Tol.±20 %)
Test Freq.
(kHz)
Tolerance
(%)
Inductance
(µH)
Part No.
n Examples Type 18E111L
*IDC.
[at 20ûC]
(A)max.
[Dimensions in mm]
(not to scale)
3ÐB 1.2±0.1
B 16.0 max.
3ÐB 0.7
B 10.0±0.1 (Top View)
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Recommended PWB
piercing plan
*Allowable DC Current:Smaller current value either when the inductance of -10 % max. changed, or when the temperatuer of 45 k max. rised.
*Allowable DC Current:Smaller current value either when the inductance of -10 % max. changed, or when the temperatuer of 45 k max. rised.


Similar Part No. - ELC09D3301F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D330F PANASONIC-ELC09D330F Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC09D3301F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com