Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMI9404 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMI9404
Description  4-Channel EMI Array with ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI9404 Datasheet(HTML) 3 Page - ON Semiconductor

  EMI9404 Datasheet HTML 1Page - ON Semiconductor EMI9404 Datasheet HTML 2Page - ON Semiconductor EMI9404 Datasheet HTML 3Page - ON Semiconductor EMI9404 Datasheet HTML 4Page - ON Semiconductor EMI9404 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMI9404
http://onsemi.com
3
ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LTOT
Total Channel Inductance
70
nH
RTOT
Total Channel DC Resistance
45
W
CTOT_0V
Total Channel Capacitance, 0 V bias
0 V dc; 1 MHz, 30 mVrms
17.5
24
pF
CTOT_2.5V
Total Channel Capacitance, 2.5 V bias
2.5 V dc; 1 MHz, 30 mVrms
11.5
pF
VST
Stand−off Voltage
I = 10 mA
5.5
V
ILEAK
Diode Leakage Current
VIN = +3.3 V
0.1
0.5
mA
VSIG
Signal Clamp Voltage Positive Clamp
Negative Clamp
ILOAD = 10 mA
ILOAD = −10 mA
5.6
−1.5
6.8
−0.8
9.0
−0.4
V
VESD
In−system ESD Withstand Voltage
a) Contact discharge per IEC 61000−4−2
standard, Level 4 (External Pins)
b) Contact discharge per IEC 61000−4−2
standard, Level 1 (Internal Pins)
c.) Air discharge per IEC61000−4−2
standard. Level 4 (External Pins)
Notes 2 and 3
±14
±2
±16
kV
VC
Clamping Voltage
TLP (Note 4)
See Figures 4 through 7
IPP = 8 A
IPP = 16 A
IPP = −8 A
IPP = −16 A
13.7
20
−4.4
−7.6
V
fC
Cut−off frequency ZSOURCE = 50 W,
ZLOAD = 50 W
345
MHz
1. TA = 25°C unless otherwise specified.
2. ESD applied to input and output pins with respect to GND, one at a time.
3. Unused pins are left open.
4. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
PERFORMANCE INFORMATION
TYPICAL FILTER PERFORMANCE
(TA = 25°C, DC Bias = 0 V, 50 W Environment)
TYPICAL DIODE CAPACITANCE VS. INPUT
VOLTAGE
Figure 2. Typical Filter Insertion Loss
Figure 3. Filter Capacitance vs. Input Voltage
(Normalized to Capacitance at 0 VDC and 25°C)
ORDERING INFORMATION
Device
Pins
Marking
Package
Shipping
EMI9404MUTAG
8
L4
uDFN−8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - EMI9404

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
EMI9408MUTAG ONSEMI-EMI9408MUTAG Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
More results

Similar Description - EMI9404

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1425 CALMIRCO-CM1425 Datasheet
198Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1425 ONSEMI-CM1425 Datasheet
227Kb / 9P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
CM1410 ONSEMI-CM1410 Datasheet
354Kb / 10P
   4-Channel Headset EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1453-04CP ONSEMI-CM1453-04CP Datasheet
235Kb / 9P
   Praetorian 4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF4105FC ONSEMI-NUF4105FC Datasheet
82Kb / 6P
   4 Channel EMI Pi-Filter Array with ESD Protection 4 ESD Diodes
November, 2004 ??Rev. 1
logo
California Micro Device...
CM1421 CALMIRCO-CM1421 Datasheet
368Kb / 8P
   4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com