Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38EWSP73B4S4RT Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 38EWSP73B4S4RT
Description  Sealed Snap Action Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38EWSP73B4S4RT Datasheet(HTML) 5 Page - Grayhill, Inc

  38EWSP73B4S4RT Datasheet HTML 1Page - Grayhill, Inc 38EWSP73B4S4RT Datasheet HTML 2Page - Grayhill, Inc 38EWSP73B4S4RT Datasheet HTML 3Page - Grayhill, Inc 38EWSP73B4S4RT Datasheet HTML 4Page - Grayhill, Inc 38EWSP73B4S4RT Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Sealed Snap Action Miniature Pushbutton Switches
SPECIFICATIONS
RATINGS
Contact Rating: Q & G option - 1A with
resistive load @ 125 VAC or 28 VDC.
R option - 0.4 VA max @ 20 Vmax (AC or
DC)
Electrical Life: 50,000 make-and-break
cycles at full load
Travel: .040 ± .010
Contact Resistance: 10 milliohms max.
initial @ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,500 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case: Glass filled Nylon 6/6 (UL94V-0)
Plunger: Glass filled nylon or glass filled
polyester
Bushing: Brass, nickel plated
Housing: Stainless steel
Terminal/Switch Support: Brass or steel,
electrotin plated
Terminal Seal: Epoxy
ORDERING INFORMATION
SERIES
MODEL NO.
PLUNGER
BUSHING
TERMINATION
CONTACT
SEAL
R = Copper
alloy, gold
plate over
nickel plate.
Q = Copper
alloy, silver
plated
G=Gold
plate over
silver plate
38E =
Sealed
Snap
Action
Pushbutton
Switches
Options:
WSP7,
WDP7
(see models
for
switching
positions)
Options:
1, 2, 3 (see
plunger
options)
Options:
M1, M2, M6,
M7, S2, S3,
S4, S5, S6,
S7 V2, V3,
V4, V5, (see
termination
options)
T = Lead
Free and
RoHS
Compliant
38E
WSP7
B1
M1
Q
T
Options:
B1, B4
(see
bushing
options)
1
Pushbutton
22


Similar Description - 38EWSP73B4S4RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com