Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58J9P36-01-1-02N-F Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 58J9P36-01-1-02N-F
Description  Minimum Space Behind Panel 15,000 Vdc Static Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

58J9P36-01-1-02N-F Datasheet(HTML) 2 Page - Grayhill, Inc

  58J9P36-01-1-02N-F Datasheet HTML 1Page - Grayhill, Inc 58J9P36-01-1-02N-F Datasheet HTML 2Page - Grayhill, Inc 58J9P36-01-1-02N-F Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Keylock Rotary Switches
LOCK SPECIFICATIONS
General Characteristics
Mounting: By bushing, nut and lockwasher
Keying: All locks keyed alike except by
special order
Orientation of Keylock Switch: Lock flats
on both sides with key upright (cut side
down) in position 1.
Key Removals:
36° Throw Switch
At every position or
At 0° & 180°
45° Throw Switch
At every position or
At 0°, 90°, 180°, 270°
60° Throw Switch
At every position or
At 0°, 180°
90° Throw Switch
At every position or
At 0°, 180°
Optional pulls
Contact Grayhill
Electrical Characteristics
Chart is shown for non-shorting contacts and
resistive load and for the life limiting criteria
indicated below. The data for the curve was
measured at sea level, 25°C and 68% relative
humidity. Contact Grayhill for more information
if any of the following is true: life limiting
criteria are more critical than those listed;
more cycles of operation are required; a
larger make and break current is required;
the operating environment includes elevated
temperatures or reduced pressures.
Curve A: 220 Vac all angles
of throw.
Curve B: 115 Vac and 30
Vdc for all angles of throw.
300
200
0
0
10
20
30
CYCLES x 1000
100
A
B
36° Angle of Throw
45° Angle of Throw
CIRCUITRY
90° Angle of Throw
VIEWED FROM FRONT END; SHOWN IN POSITION 1.
VIEWED FROM FRONT END; SHOWN IN POSITION 1.
REAR
VIEW
TWO POLE
ONE POLE
ONE POLE
TWO POLE
60° Angle of Throw
ONE POLE
TWO POLE
ONE POLE
TWO POLE
VIEWED FROM FRONT END; SHOWN IN POSITION 1.
VIEWED FROM FRONT END; SHOWN IN POSITION 1.
REAR
VIEW
REAR
VIEW
REAR
VIEW
6
7
8
9
10
1
2
3
4
5
C2
C1
6
7
8
9
10
1
2
3
4
5
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
C2
C1
1
2
3
4
5
6
1
2
3
4
5
6
C2
C1
4
1
2
3
4
1
2
3
C2
C1
18˚
36˚
.320 ± .015 (8,13 ± 0,38) DIAMETER
CIRCLE OF TERMINAL CENTERS
LOCATION OF COMMONS
2 POLES
COMMON TERMINAL (1 POLE)
POS. 1
.125 ± .015
(3,18 ± 0,38)
45˚
22.5˚
.320 ± .015 (8,13 ± 0,38) DIAMETER
CIRCLE OF TERMINAL CENTERS
LOCATION OF COMMONS
2 POLES
COMMON TERMINAL (1 POLE)
POS. 1
.125 ± .015
(3,18 ± 0,38)
60˚
30˚
LOCATION OF COMMONS
2 POLES
POS. 1
.125 ± .015
(3,18 ± 0,38)
COMMON TERMINAL (1 POLE)
.320 ± .015 (8,13 ± 0,38) DIAMETER
CIRCLE OF TERMINAL CENTERS
45˚
90˚
LOCATION OF COMMONS
2 POLES
POS. 1
.125 ± .015
(3,18 ± 0,38)
COMMON TERMINAL (1 POLE)
.320 ± .015 (8,13 ± 0,38)
DIAMETER CIRCLE OF
TERMINAL CENTERS
Materials & Finishes
Keys: Brass; 2 supplied
Lock Barrel & Plug: Zinc, clear chromate
Lockwasher: Steel, tin zinc plated
Mounting Nut: Steel, nickel-plated
Tumbler Plates: Brass
SWITCH SPECIFICATIONS
Rotary
3


Similar Description - 58J9P36-01-1-02N-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
51M30-01-2-03N GRAYHILL-51M30-01-2-03N Datasheet
614Kb / 7P
   0.5" Diameter, 200mA, .698" Behind Panel
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
   15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
   15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
logo
Texas Instruments
TPD5E003 TI-TPD5E003 Datasheet
733Kb / 10P
[Old version datasheet]   Five Channel Space Saving ESD Protection Device
logo
Semtech Corporation
704-15K36 SEMTECH-704-15K36 Datasheet
28Kb / 2P
   15,000 Watt TVS Module
logo
List of Unclassifed Man...
PCI-1715U-AE ETC2-PCI-1715U-AE Datasheet
227Kb / 1P
   2,500 VDC isolation protection
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
   IP65 front panel protection
logo
New Jersey Semi-Conduct...
X20FF3 NJSEMI-X20FF3 Datasheet
85Kb / 1P
   2,000 V -15,000 V Rectifiers
logo
Omron Electronics LLC
G7T OMRON-G7T Datasheet
604Kb / 7P
   Slim-styled I/O Relay Saves Space in Panel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com