Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38GWSP9M6GT Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 38GWSP9M6GT
Description  Sealed Subminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38GWSP9M6GT Datasheet(HTML) 3 Page - Grayhill, Inc

  38GWSP9M6GT Datasheet HTML 1Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 2Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 3Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Sealed Subminiature Pushbutton Switches
P.C. MOUNTING
.400
(10.16)
.016
(0.40)
.020
(0.50)
.400
(10.16)
Ø.043
(Ø1.09)
.201
(5,10)
.030
(0,76)
Ø.177
(Ø4,50)
.366
(9,30)
.161
(4,10)
.217
(5,50)
Ø.100
(Ø2,54)
EPOXY SEAL
.100
(2,54)
.100
(2,54)
SWITCH POSITION
MODEL NO.
WSP9
OFF
(ON)
()=MOMENTARY
SCHEMATIC
SPST
()=MOMENTARY
SWITCH POSITION
MODEL NO.
WDP9
2-1
OFF
2-3
(ON)
TERM. COMM.
SCHEMATIC
SWITCH POSITION
MODEL NO.
WSP8
2-1
ON
2-3
(ON)
TERM. COMM.
()=MOMENTARY
SCHEMATIC
3 N.O.
N.C.1
2COMM.
SPDT
DPST
Snap-in Termination Options (Same P.C. mounting as V2, M6, M7 but with snap-in bracket)
SERIES 38G
DIMENSIONS In inches (and millimeters)
Circuitry
V2
SPDT
S2
S6
S7
Pushbutton
29


Similar Part No. - 38GWSP9M6GT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
38G2C000 VISHAY-38G2C000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G4B000 VISHAY-38G4B000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G4C000 VISHAY-38G4C000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G7B000 VISHAY-38G7B000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38GD1000 VISHAY-38GD1000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
More results

Similar Description - 38GWSP9M6GT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
38HWSP8M7RT GRAYHILL-38HWSP8M7RT Datasheet
343Kb / 4P
   Sealed Surface Mount Subminiature Pushbutton Switches
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com