Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38EWSP72B4S2RT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 38EWSP72B4S2RT
Description  Sealed Snap Action Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38EWSP72B4S2RT Datasheet(HTML) 1 Page - Grayhill, Inc

  38EWSP72B4S2RT Datasheet HTML 1Page - Grayhill, Inc 38EWSP72B4S2RT Datasheet HTML 2Page - Grayhill, Inc 38EWSP72B4S2RT Datasheet HTML 3Page - Grayhill, Inc 38EWSP72B4S2RT Datasheet HTML 4Page - Grayhill, Inc 38EWSP72B4S2RT Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Sealed Snap Action Miniature Pushbutton Switches
OPTION
CODE
1
2
3
DIM."A"
.173(4.40)
.220(5.60)
.087(2.20)
OPTION
CODE
1
2
3
DIM."A"
.276(7.00)
.327(8.30)
.193(4.90)
FOR B1
BUSHING
FOR B4
BUSHING
DIM."A"
DIM."A"
Ø.114
(Ø2.90)
Ø.114
(Ø2.90)
SERIES 38E
Sealed Snap Action Miniature
Pushbutton Switches
FEATURES
SPDT and DPDT Circuitry
Choice of Bushings, and
Terminations
UL Recognized
IP-68 Degree of Protection
• RoHS Compliant
MODELS IN INCHES (AND MILLIMETERS)
SPDT
DPDT
PLUNGER OPTIONS IN INCHES (AND MILLIMETERS)
Pushbutton
18
SWITCH POSITION
MODEL NO.
WSP7
1-3
ON
1-2
(ON)
1
2
3
TERM. COMM.
1
2
3
4
5
6
()=MOMENTARY
()=MOMENTARY
SCHEMATIC
01COMM.
3
2
SCHEMATIC
01COMM.
3
2
6
5
SWITCH POSITION
MODEL NO.
WDP7
1-3, 4-6
ON
1-2, 4-5
(ON)
TERM. COMM.
04COMM.
.500
(12.7)
.190
(4.83)
.260
(6.60)
.030
(0.76)
.185
(4.70)
.663
(16.85)
EPOXY SEAL
Ø.114
(Ø2.90)
.050
(1.26)
.050
(1.26)
.276
(7.00)
.185
(4.70)
.500
(12.7)
.449
(11.40)
.030
(0.76)
.185
(4.70)
.663
(16.85)
EPOXY SEAL
Ø.114
(Ø2.90)
.260
(6.60)
.185
(4.70)
Ø.236
(Ø6.00)
Ø.205
(Ø5.20)


Similar Description - 38EWSP72B4S2RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com