Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1019-G Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EL1019-G
Description  4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL1019-G Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EL1019-G Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL1019-G Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DATASHEET
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G Series
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : August 24, 2013. Issue No: DPC-0000037 Rev.4
www.everlight.com
Transfer Characteristics
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Turn on time
Ton
-
4
-
µs
VCE = 5V, IC = 5mA,
RL = 100
Turn off time
Toff
-
3
-
Rise time
tr
-
2
18
µs
VCE = 5V, IC = 5mA,
RL = 100
Fall time
tf
-
3
18
* Typical values at Ta = 25°C


Similar Part No. - EL1019-G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1019 EVERLIGHT-EL1019 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL1019 EVERLIGHT-EL1019 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL1019(TA)-VG EVERLIGHT-EL1019(TA)-VG Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL1019(TB)-VG EVERLIGHT-EL1019(TB)-VG Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
More results

Similar Description - EL1019-G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1018-G EVERLIGHT-EL1018-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER EL101X-G Series
EL101X-G EVERLIGHT-EL101X-G Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL111X-G EVERLIGHT-EL111X-G Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_13 Datasheet
849Kb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_14 Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com