Electronic Components Datasheet Search |
|
EEEFTA331XAP Datasheet(PDF) 1 Page - Pacific Silicon Sensor,Inc. |
|
EEEFTA331XAP Datasheet(HTML) 1 Page - Pacific Silicon Sensor,Inc. |
1 / 2 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FT – EEE-45 – A±0.2 W ( ) Reference size L + – 0.3 max. Pressure Relief ( 010 and larger) Capacitance (μF) Rated voltage Mark Series identification Lot number Negative polarity marking (–) ■ Features ● Endurance: 2000 h at 105 °C ● Miniaturized, Low ESR (1 size smaller than series FK) ● RoHS directive compliant Surface Mount Type Series: FT Type: V High temperature Lead-Free reflow(suffix:A ✽) ■ Specifications Category Temp. Range –55 °C to +105 °C Rated W.V.Range 6.3 V.DC to 50 V.DC Nominal Cap.Range 10 μF to 2200 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV After 2 minutes tan d Please see the attached High temperature lead-free reflow products list. Endurance After applying rated working voltage for 2000 hours at +105 °C±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits. Capacitance change ±30 % of initial measured value tan d < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) Resistance to Soldering Heat After reflow soldering and then being stabilized at +20 °C, capacitor shall meet the following limits. Capacitance change ±10 % of initial measured value tan d < initial specified value DC leakage current < initial specified value ■ Dimensions in mm (not to scale) ■ Marking Example:25 V 22 μF Marking color : BLACK Size code DL A, B H IW P K B 4.0 5.8±0.3 4.3 5.5 max. 1.8 0.65±0.1 1.0 0.35 - 0.20 C 5.0 5.8±0.3 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 - 0.20 D 6.3 5.8±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 D8 6.3 7.7±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.20 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.20 + 0.15 + 0.15 + 0.15 + 0.15 Cap (μF) Frequency (Hz) 120 1 k 10 k 100 k to 10 to 470 0.65 0.85 0.95 1.00 560 to 2200 0.70 0.90 0.95 1.00 ■ Frequency correction factor for ripple current (Unit : mm) j 6.3 V A 10 V C 16 V Rated Voltage Mark E 25 V V 35 V H 50 V 02 Oct. 2013 |
Similar Part No. - EEEFTA331XAP |
|
Similar Description - EEEFTA331XAP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |