Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38BX-0-H-3-N Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 38BX-0-H-3-N
Description  Drop-In Replacement for Industry Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38BX-0-H-3-N Datasheet(HTML) 1 Page - Grayhill, Inc

  38BX-0-H-3-N Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
CL
CL
.320
(8.13)
.200
(5.08)
.020
(0.51)
TYP.
.162
(4.11)
DIM. "A"
.180
(4.57)
DIA.
.100
(2.54)
DIA.
.165
(4.19)
.015
(0.38)
TYP.
.200
(5.08)
.030
(0.76)
TYP.
.130
(3.30)
.025
(0.64)
.125
(3.18)
.030
(0.76)
TYP.
.200
(5.08)
.249
(6.32)
TERMINAL
IDENT-
IFICATION
.200
(5.08)
.200
(5.08)
.100
(2.54)
TYP.
.043 (1.09)
DIA. TYP.
Series: 38BT = SPST, Momentary, Thru Hole
Series: 38BH = SPDT, Momentary, Thru Hole
Dimension A: 0 = 0.020" 4 = 0.215"
38BX-4-H-3-N
Seal: S = O-Ring Seal, N = No Seal
Contact Plating Material:
1 = Solder Dip over Gold (Non-RoHS)
2 = Solder Dip over Silver (Non-RoHS)
3 = Gold - RoHS Compliant
4 = Silver - RoHS Compliant
Orientation: H = Horizontal to PCB
38BH
38BT
.249
(6,32)
.200
(5,08)
.030
(0,76)
TYP.
.162
(4,11)
.215
(5,46)
.025
(0,64)
.030 (0,76) TYP.
.200 (5,08)
.165 (4,19)
.015 (0,38) TYP.
.200
(5,08)
.320 (8,13)
.020
(0,51)
TYP.
.200
(5,08)
.200
(5,08)
.043 (1,09)
DIA. TYP.
.130
(3,30)
.180 (4,57)
DIA.
.100 (2,54)
DIA.
CL
CL
.125
(3,18)
.125
(3,18)
Unless otherwise indicated, tolerances are ± .010 (0,25)
PC Mounting
SPECIFICATIONS
Rating Criteria
Operating Life: 80,000 make-and-break cycles
at full load
Contact Rating (resistive load):
Gold Contacts: 0.4 VA maximum at 20 Vac or
Vdc maximum
Silver Contacts: 1.0 Amp maximum at 120 Vac
or 28 Vdc
Contact Resistance: Below 20 milliohms typical
initial at 2-4 Vdc, 100 mA
Insulation Resistance: 1000 megaohms
minimum
Voltage Breakdown: 1000 Vrms minimum at
sea level
Operating Temperature: -30°C. to +85°C.
Solderability: Per MIL-STD-202F, Method
208D, or EIA RS-186E Method 9 (1 hour steam
aging)
Materials and Finishes
Base and Cover: Thermoplastic (UL 94V-0)
Plunger:Thermoplastic (UL 94V-0), (S versions
include an internal o-ring seal)
Terminals: Copper alloy, gold or silver plate (as
specified) over nickel plate
Spring: Plated Music Wire
Contact System: Copper alloy, gold or silver
plate (as specified) over nickel plate
Switch Support: Brass, tin-plated
CIRCUITRY
SPST–N.O.
SPST N.O.
ORDERING INFORMATION
Available from your local Grayhill Distributor For prices and discounts, contact a local Sales
Office, an authorized local distributor, or Grayhill.
DIMENSIONS In inches (and millimeters)
SERIES 38BT and 38BH
Sub-Miniature Horizontal PC Mount
FEATURES
•Drop-InReplacementforIndustryStan-
dard
•SealedPlungerOption
•PrintedCircuitBoardMount
•SPSTandSPDT,MomentaryContact
SPST
SPDT
PC Mounting
SPDT–N.O.
N.O.
TERM. 3
N.C.
TERM. 1
COMM
TERM. 2
Pushbutton
6
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches


Similar Part No. - 38BX-0-H-3-N

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
38BX-0-H-3-S GRAYHILL-38BX-0-H-3-S Datasheet
186Kb / 2P
   Sub-Miniature Surface Mount Surface Mount Process Compatible
More results

Similar Description - 38BX-0-H-3-N

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM841 ILSI-IM841 Datasheet
417Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM811 ILSI-IM811 Datasheet
540Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM840 ILSI-IM840 Datasheet
414Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
IM802 ILSI-IM802 Datasheet
781Kb / 9P
   Direct pin to pin drop-in replacement for industry-standard packages
IM801 ILSI-IM801 Datasheet
623Kb / 9P
   Direct pin to pin drop-in replacement for industry-standard packages
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
   Drop-In Replacement for CPC7591
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
   Drop-in replacement for CPC7592
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
   Drop-in replacement for BWH/BWF
logo
Pentair plc. All rights...
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG53-10 PENTAIR-CG53-10 Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com