Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-001-A-06 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 30-001-A-06
Description  Sleek Black Matte Bezel Convenient Snap-In Front Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

30-001-A-06 Datasheet(HTML) 1 Page - Grayhill, Inc

  30-001-A-06 Datasheet HTML 1Page - Grayhill, Inc 30-001-A-06 Datasheet HTML 2Page - Grayhill, Inc 30-001-A-06 Datasheet HTML 3Page - Grayhill, Inc 30-001-A-06 Datasheet HTML 4Page - Grayhill, Inc 30-001-A-06 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
SERIES 30 and 46
Snap-in Panel Mount
FEATURES
• Sleek Black Matte Bezel
• Convenient Snap-In Front Mount
• Choice of 6 Button Colors
• SPST, SPDT or DPDT Circuitry
• Alternate Action, Positive Feel
and Overtravel Versions
• Printed Button Option
Butt Contact Switches - Series 30
SPST-N.O.
.205 (5,21)
1.119 (28,42)
.062 ± .010 (1,57 ± 0,25)
10 ± 4 oz.
30-001-A-*
SPST-N.O., Overtravel
.205 (5,21)
1.204 (30,58)
.125 ± .020 (3,18 ± 0,51)
8 ± 4 oz.
30-015-A-*
SPST-N.O., Overtravel & Positive Feel
Adjustable**
Adjustable**
.156 ± .015 (3,96 ± 0,38)
18 ± 4 oz.
30-017-A-*
SPST-N.O., Economical
.205 (5,21)
1.119 (28,42)
.062 ± .010 (1,57 ± 0,25)
10 ± 4 oz.
30-601-A-*
SPST-N.C.
.205 (5,21)
1.132 (28,75)
.065 ± .015 (1,65 ± 0,38)
8 ± 4 oz.
30-002-A-*
Wiping Contact Switches - Series 46
SPDT, BBM
.205 (5,21)
1.417 (35,99)
.180 (4,57) min.
1.1 ± .25 lbs.
46-102-A-*
SPDT, MBB
.205 (5,21)
1.417 (35,99)
.180 (4,57) min.
1.1 ± .25 lbs.
46-111-A-*
SPDT, BBM, Alternate Action
.293 (7,44)
1.448 (36,78)
.180 (4,57) min.
1.5 ± .25 lbs.
46-502-A-*
DPDT, BBM
.205 (5,21)
1.448 (36,78)
.180 (4,57) min.
2.2 ± .5 lbs.
46-200-A-*
DPDT, MBB
.205 (5,21)
1.448 (36,78)
.180 (4,57) min.
2.2 ± .5 lbs.
46-201-A-*
DPDT, BBM, Alternate Action
.293 (7,44)
1.448 (36,78)
.180 (4,57) min.
1.8 ± .5 lbs.
46-402-A-*
ADDITIONAL DIMENSIONS AND PART NUMBERS
*Partial part number, complete part number by adding a dash for
button color: white -01; red -03; green -04; blue -05; yellow -06
or black -07, see Ordering Information.
CIRCUITRY
Switches have momentary action unless
otherwise indicated in the chart below.
**Adjustable from Dim. A .170 (4,32) minimum, Dim. B 1.285 (32,64)
maximum to Dim. A .290 (7,37) maximum, Dim. B 1.165 (29,59)
minimum with hex nut below bezel.
DIMENSIONS In Inches (and millimeters)
.800
(20,32)
SQ.
.600 (15,24)
.180 (4,57)
TYP.
Dim. A:
Dim. B:
Button Height
Behind Panel
(± .015)
Length (± .040)
Circuitry and
Total
Actuating
Partial
Features
Travel
Force
Part No.*
Tolerances are ± .010 (0,25) unless otherwise specified.
For bottom views and
terminal markings, see
Series 30 and 46 switches
without bezels.
Hex nut for
30-017-A IS
9/16" (14,29)
across flats
and .094 (2,38)
thick.
.485 (12,32) SQ.
.063 (1,60)
.527 (13,39)
DIM. A SEE CHART
± .015 (0,38)
DIM. B
SEE CHART
± .040 (1,02)
.738 (18,75)
1.016 (25,81) REF.
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
SPDT - BBM
N.C.
N.O.
C.
DPDT BBM
N.C.
N.O.
C1
N.C.
N.O.
C2
N.O.
N.C.
C.
SPDT MBB
DPDT MBB
N.O.
N.C.
C.
N.O.
N.C.
C.
Pushbutton
48


Similar Part No. - 30-001-A-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-000 ETC2-30-000 Datasheet
92Kb / 1P
   3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
   Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
   Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
   Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
   Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
More results

Similar Description - 30-001-A-06

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
   Alternative keypad control in front bezel
GOT712-837 AXIOMTEK-GOT712-837 Datasheet
435Kb / 2P
   Alternative keypad control in front bezel
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
GOT710-837 AXIOMTEK-GOT710-837_16 Datasheet
585Kb / 2P
   Alternative keypad control in the front bezel
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
   IP65 aluminum front bezel
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
   ip65 aliminum front bezel
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
   IP65 Plastic Front Bezel
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com