Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECST0JZ225R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECST0JZ225R
Description  Tantalum Solid Electrolytic Capacitors/TES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST0JZ225R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECST0JZ225R Datasheet HTML 1Page - Panasonic Semiconductor ECST0JZ225R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tantalum Solid Electrolytic Capacitors/TES
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE31 
Ta
.
TES
TES
Series:
-55 to 125
°C
4 to 16 V .DC
0.47 to 15 µ F
±20 % (120Hz/20
°C)
s
Dimensions in mm (not to scale)
P
(
+)
(
-)
L
w1
s
Marking
P
q Size Z
s Case size
Surface Mount Type
s Features
s Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
Moisture Resistance
Endurance
Capacitance change
tan
δ.
DC leakage current
±10% of initial measured value
< initial specified value
< 125 % of initial specified value
Please see the attached standard products list
the following limits.
After 2000 hours application of rated DC working voltage at 85
°C or derated voltage at
Resistance to Soldering Heat
Capacitance change
tan
δ.
DC leakage current
±10% of initial measured value
< initial specified value, miniatured size :
< 150% of initial specified value.
< initial specified value
4. Other rating upon request (voltage, capacitance, tolerance)
tan
δ
Low profile
Height: H=1.2mm max.
L±0.2
W1±0.2 W2±0.1 H max.
P
1.25
0.9
1.2
0.5±0.2
EIA code
2012
Sizecode
Z
2.0
Capacitance code
4
6.3 10
16
G
J
A
C
W.V. code
W.V. (V)
code
Polarity bar (+ side)
W.V.code
Cap. code
(Ex.) JE : 6.3V 1.5µF
Japan
China
4(0G)
6.3(0J)
10(1A)
16(1C)
W.V.(V.DC)
Cap(µF)
Standard
Miniature
Standard
Miniature
Standard
Miniature
Standard
Miniature
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
0.47 (474)
0.68 (684)
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
10
(106)
15
(156)
0.47 0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
S
W
A
E
J
N
S
W
A
E
Capacitance(µF)
1st code
I
< 0.01CV or 0.5 (µA) after 2 minutes application of rated working voltage at 20°C (Whichever is greater)
W.V. and capacitance code.
Note : 1. (
)indicates
2. When selecting W.V. refer to page 20.
3. We recommend current sizes shown in the above table for new design, but conventional case size is available on request.
The capacitor shall withstand dipping into solder for 5±1 seconds at 260 ±5
°C
After 500 hours exposure at 40
°C and 90 to 95 % R.H. without load, the capacitor shall meet
125
°C, the capacitor shall meet the following limits.
Rev.02/04


Similar Part No. - ECST0JZ225R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ECST0JZ225R NICHICON-ECST0JZ225R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECST0JZ225R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com