Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJMFF1C106Z Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECJMFF1C106Z
Description  Multilayer Ceramic Chip Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJMFF1C106Z Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECJMFF1C106Z Datasheet HTML 1Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 2Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 3Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 4Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 5Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
n Specification and Test Method
Operating
Temperature
Range
Dissipation
Factor
(tan d)
Temperature
Characteristics
Temp. Char. B, X7R : Ð55 to 125 ûC
Temp. Char. B, X5R : Ð55 to 85 ûC
Temp. Char. F, Y5V : Ð30 to 85 ûC
Measuring temperature:20±2ûC
Pretreatment:The capacitors shall be
kept in a temperature of 150+0/Ð10ûC
for 1 hour and then shall be stored
in standard condition* 48±4 hours,
before initial measurement.
]ECJ0EB0J1051(0402/X5R/6.3V1.0µF),
]ECJ1VB0J4751(0603/X5R/6.3V/4.7µF),
]ECJ1VB0G106M(0603/X5R/4V/10µF)
of 0.50±0.05 Vrms measurement voltage.
Dielectric
Withstanding
Voltage
No break down
Test voltage:
Rated voltage ´250%
Duration:1 to 5s.
Charge/discharge current:within 50 mA
Insulation
Resistance
(I R)
500/C (MW) min.
Note:DC10V, DC6.3V;100/C(MW)min.
(C:Nominal Cap. in µF)
Measuring voltage:Rated voltage
Duration:60±5s
Charge/discharge current:within 50 mA
Cpacitance
within the specified tolerance
Applied force:5N
Duration:10s
Adhesion
The terminal electrode shall be free from peeling or signs
of peeling.
Sample
Unit : mm
Test Method
Item
Specification
Maximum capacitance change at
stage 1 to 5
Nominal capacitance
C<10µF
C>10µF
Measuring frequency 1kHz±10% 120Hz±20%
Mesuring voltage 1.0±0.2Vrms 0.5±0.2Vrms
Temp. Char. B, F X7R X5R
Y5V
Stage 1
20ûC 25ûC 25ûC 25ûC
Stage 2 Ð25ûC Ð55ûC Ð55ûC Ð30ûC
Stage 3
20ûC 25ûC 25ûC 25ûC
(Ref. Temp.)
Stage 4
85ûC 125ûC 85ûC 85ûC
Stage 5
20ûC 25ûC 25ûC 25ûC
Temp. Char.
B : ±10 % (Ð25 to 85 ûC)
X7R: ±15 % (Ð55 to 125 ûC)
X5R: ±15 % (Ð55 to 85 ûC)
F
: +30, Ð80 % (Ð25 to 85 ûC)
Y5V: +22, Ð82 % (Ð30 to 85 ûC)
*Standard condition : Temperature 15 to 35 ûC, Relative humidity 45 to 75 %
0.2 max.
Please confirmation to the technical reports for details.
Solderability More than 95 % of the soldered area of both terminal
electrodes shall be covered with fresh solder.
Solder bath method
Solder temperature:230±5 ûC
Dipping period:4±1 s
Solder:H63A (JISÐZÐ3282)
Bending
Strength
Appearance:no mechanical damage
Capacitance change:
Temp. Char. B, X7R, X5R: within ±12.5 %
F, Y5V: within ±30 %
Bending value:1 mm
Bending speed:1 mm/s
20
45±245±2
Unit : mm
R340
Vibration
Proof
Appearance: There shall be no cracks and other
mechanical damage.
Capacitance:Shall be within the specifiedtolerance
tand:initial value
Apply a variable vibration of 1.5mm total
amplitude in the 10 to 55 to 10Hz
vibration frequency range swept in 1 min.
in 3 mutually perpendicular directions for
2 hours each, a total of 6 hours.
October 2005


Similar Part No. - ECJMFF1C106Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results

Similar Description - ECJMFF1C106Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com