Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ3YB0J226M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ3YB0J226M
Description  Multilayer Ceramic Chip Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3YB0J226M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ3YB0J226M Datasheet HTML 1Page - Panasonic Semiconductor ECJ3YB0J226M Datasheet HTML 2Page - Panasonic Semiconductor ECJ3YB0J226M Datasheet HTML 3Page - Panasonic Semiconductor ECJ3YB0J226M Datasheet HTML 4Page - Panasonic Semiconductor ECJ3YB0J226M Datasheet HTML 5Page - Panasonic Semiconductor ECJ3YB0J226M Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
0XOWLOD\HU&HUDPLF&KLS&DSDFLWRUV
+LJK&DSDFLWDQFH
6HULHV
(&-
Q Features
7256 DQG $/80,180 (/(&752/<7,& &$3$&,
7256
Q Recommended Applications
O Class 2 (Hi-K Type)
´ 3RZHU VXSSO\ FLUFXLW GHFRXSOLQJ DSSOLFDWLRQV
3RZHU VXSSO\ FLUFXLW RI WKH +LJKVSHHG /6,
6PRRWKLQJ FLUFXLW RI '&'& FRQYHUWHUV
Q Construction
Q Dimensions in mm (not to scale)
8QLW  PP
Q Explanation of Part Numbers
E
1
C
2
J
3
1
4
V
5
B0
7
J
8
4
9
7
10
5
11
M
12
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
!Packaging
#Rated Voltage
$Nominal Capacitance
%
"
Size Code
(Example)
6
Capacitance
Tolerance
Temperature
Characteristics Code
Styles Code
#
"
!

L
T
W
L1
L2
&RGH
6L]H &RGH
L
W
T
L1, L2
(EIA)
0
Type“10”
‘
‘
‘
‘
(0402)
1
Type“11”
‘
‘
‘
‘
(0603)
‘
‘
‘
2
‘
‘
Type“12”
‘
‘
‘
(0805)
‘
‘
‘
C
‘
‘
‘
‘
G
‘
‘
‘
‘
‘
3
Type“13”
‘
‘
(1206)
‘
‘
‘
D
‘
‘
‘
‘
M
‘
4
‘
‘
‘
‘
Type“23”
‘
‘
9
(1210)
‘
‘
‘
‘
1R
1DPH

&HUDPLF GLHOHFWULF

,QWHUQDO HOHFWURGH

6XEVWUDWH HOHFWURGH

7HUPLQDO
,QWHUPHGLDWH HOHFWURGH

HOHFWURGH
([WHUQDO HOHFWURGH
O 6PDOO in size aQG laUJH FDSDFLWDQFe
O /RZ (65/(6/ DQG H[FHOOHQW +LJKIUHTXHQF\ characteristics
O 2SWLPDO FKDQJH IURP 7$17$/80 &+,3 &$3$&,
Q Handling Precautions, click here.
Q Packaging Specifications, click here.
October 2005


Similar Part No. - ECJ3YB0J226M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3YB0J226M PANASONIC-ECJ3YB0J226M Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
More results

Similar Description - ECJ3YB0J226M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com