Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5BW-24S05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC5BW-24S05
Description  EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC5BW-24S05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC5BW-24S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC5BW-24S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....………………........……. 24VDC ................ 9 – 36VDC
Efficiency ...........................................………..………............ See Table
48VDC ……..... 18 – 75VDC
Isolation Voltage .................................……..………......... 1500 VDC min.
Input Surge Voltage (100ms max.) …….…... 24VDC …....... 50VDC max.
Isolation Resistance .....................…….………….……… 10
9 Ohms min.
48VDC ….... 100VDC max.
Isolation Capacitance …………………..……………………… 1000pF typ.
Under Voltage Lockout ……….….. 24Vin Power Up ..…..….……. 8.8VDC typ.
Switching Frequency ............................……...................... 400KHz typ.
24Vin Power Down …..……. 8.0VDC typ.
EMI/RFI ……….………….…. Conductive EMI Meets EN55022 Class A
48Vin Power Up …….......….. 17VDC typ.
Case Grounding …………. Connect Case to -Vin with Decoupling Y Cap
48Vin Power Down ……....... 16VDC typ.
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
Input Filter ………………………………..……….……………. PI Type
De-rating, Above 78
……………..…. Linearly to Zero Power at +105
OUTPUT SPECIFICATIONS:
Case Temperature (Note 3) ………………………………………….. 105
Voltage Accuracy ………………....……………….......…………… ±1.5% max.
Cooling ………………………………………………… Natural Convection
Voltage Balance (Dual) …….…………………………………….…. r2.0% max.
Storage Temperature Range ...…............……....…....... -55
to +125
Transient Response: 75% ~ 100% Step Load Change
Humidity ................................................. 95% RH max. Non-Condensing
Error Band …… r5% Vout nominal, Recovery Time ……….. < 250us
MTBF ……. MIL-STD-217F, GB 25C, Full Load ………………T.B.D. hrs
Ripple & Noise, 20MHz BW (Measured with 0.1uF MLCC)
Dimensions ................ 2.00 x 1.00 x 0.40 inches (50.8 x 25.4 x 10.2 mm)
Vo=3.3 & 5V …………………..…………75mV p-p max.
Case Material ……… Black Coated Copper with Non-Conductive Base
Vo=12V & 15V & ±12V & ±15V …….. 100mV p-p max.
Weight ………………………………………………………………….. 35g
Temperature Coefficient ....................….………...…..……….. ±0.03%/C max.
NOTE:
Short Circuit Protection ...................…....…………………..……….. Continuous
1. Measured From High Line to Low Line.
Line Regulation (Note 1) …………… Single …………...…………. ±0.2% max.
2. Measured From Full Load to min. Load.
Dual ..….….....................…. r0.5% max.
3. Maximum Case Temperature Under Any Operating Condition Should
Load Regulation (Note 2) ……….…. Single …………...…………. ±0.2% max.
Not Be Exceeded 105
.
Dual ..……......................…. r1.0% max.
Cross Regulation (Dual Output) Load Cross Variation 10%/100% ……. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
Current Limit ……………………………………. 110% - 170% Nominal Output
Output Short Circuit Protection .............................. Continuous (Hiccup Mode)
Start Up Time ……………………………………………...……………. 10ms typ.
OPTION:
1. Suffix ”T” to the Model Number With Remote Positive On/Off Control:
Logic Compatibility ….. CMOS or Open Collector TTL, Referenced to -Vin
Module On ………………..……… >3.5VDC to 75VDC or Open Circuit
Module Off ……………………………………………….…………. <1.2VDC
2. Suffix “A” to the Model Number with Output Voltage Adjustable
External Trim Adj. Range
±10%, Single Output Only
SIZE B Dimensions:
BOTTOM
VIEW
PIN CONNECTION
Pin
1.
2.
3.
4.
5.
+Input
-Input
+Output
Common/NP/Trim
-V Output
Function
*NP-NO PIN ON SINGLE OUTPUT
min
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1 , X.XX=±0.25
All Dimensions In Inches (mm)
(Option)
6.
NP/Remote(Option)
Typical Derating curve for Natural Convection
78
-40
73
105
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
120
Ambient Temperature(oC)
OTHERS
XXD05
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN


Similar Part No. - EC5BW-24S05

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC5BW-24S05 CINCON-EC5BW-24S05 Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC5BW-24S05

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3WR-10S243.3 TRUMPOWER-TD3WR-10S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC5C CINCON-EC5C Datasheet
210Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
   15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com