Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS12044 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS12044
Description  120MHz SAW Filter 6MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12044 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS12044 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12044 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12044 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBS12044
Rev. Date
2011-07-18
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
120MHz SAW Filter
6MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS12044
Typical Performance
Frequency Response
Passband Response
105
110
115
120
125
130
135
-121.0786
-111.0786
-101.0786
-91.0786
-81.0786
-71.0786
-61.0786
-51.0786
-41.0786
-31.0786
-21.0786
Type Performance
Frequency(MHz)
115
116
117
118
119
120
121
122
123
124
125
-33.5786
-33.0786
-32.5786
-32.0786
-31.5786
-31.0786
-30.5786
-30.0786
-29.5786
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.5MHz)
Phase Linearity(f0±2.5MHz)
115
116
117
118
119
120
121
122
123
124
125
2200
2400
2600
2800
3000
3200
3400
X: 120
Y: 2892
Type Performance
Frequency(MHz)
X: 122.5
Y: 2870
X: 117.5
Y: 2883
115
116
117
118
119
120
121
122
123
124
125
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 122.5
Y: 0.01122
Type Performance
Frequency(MHz)
X: 117.5
Y: 0.1552
X: 120
Y: 1.173
Horizontal: 1MHz/Div
Vertical: 200ns/Div
Horizontal: 1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS12044

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12044 SIPAT-LBS12044 Datasheet
133Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBS12044

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT12024 SIPAT-LBT12024 Datasheet
139Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12023 SIPAT-LBT12023 Datasheet
145Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBS12044 SIPAT-LBS12044 Datasheet
133Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12036 SIPAT-LBT12036 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12024 SIPAT-LBT12024 Datasheet
144Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12036 SIPAT-LBT12036 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12023 SIPAT-LBT12023 Datasheet
139Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
144Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
141Kb / 3P
   120MHz SAW Filter 24.1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com