Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS11601 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS11601
Description  116MHz SAW Filter 1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11601 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS11601 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11601 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11601 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11601
Rev. Date
2007-12-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
116MHz SAW Filter
1MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS11601
Typical Performance
Frequency Respond
Passband Respond
111
112
113
114
115
116
117
118
119
120
121
-110.5448
-100.5448
-90.5448
-80.5448
-70.5448
-60.5448
-50.5448
-40.5448
-30.5448
-20.5448
-10.5448
Type Performance
Frequency(MHz)
114.5
115
115.5
116
116.5
117
-23.0448
-22.5448
-22.0448
-21.5448
-21.0448
-20.5448
-20.0448
-19.5448
-19.0448
Horizontal: 1MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.6MHz)
Phase Linearity(f0±0.6MHz)
114.5
115
115.5
116
116.5
117
117.5
3200
3400
3600
3800
4000
4200
4400
X: 116
Y: 3972
Type Performance
Frequency(MHz)
X: 116.6
Y: 3932
X: 115.4
Y: 3936
114.5
115
115.5
116
116.5
117
117.5
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 116
Y: 0.2309
Type Performance
Frequency(MHz)
X: 116.6
Y: 0.7466
X: 115.4
Y: 0.445
Horizontal: 0.5MHz/Div
Vertical: 200ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS11601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11601 SIPAT-LBS11601 Datasheet
141Kb / 3P
   116MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LBS11601

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11601 SIPAT-LBS11601 Datasheet
141Kb / 3P
   116MHz SAW Filter 1MHz Bandwidth
LBS11508B SIPAT-LBS11508B Datasheet
137Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
LBS70A13 SIPAT-LBS70A13 Datasheet
140Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS06301 SIPAT-LBS06301 Datasheet
151Kb / 4P
   62.5MHz SAW Filter 1MHz Bandwidth
LBS16401 SIPAT-LBS16401_10 Datasheet
183Kb / 3P
   163.5MHz SAW Filter 1MHz Bandwidth
LBS07204 SIPAT-LBS07204 Datasheet
146Kb / 3P
   72.1MHz SAW Filter 1MHz Bandwidth
LBS7039 SIPAT-LBS7039 Datasheet
142Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS07406 SIPAT-LBS07406 Datasheet
135Kb / 3P
   73.7MHz SAW Filter 1MHz Bandwidth
LB070DS04 SIPAT-LB070DS04 Datasheet
150Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
145Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com