Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-DAC41-S2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3X-DAC41-S2M
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC41-S2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3X-DAC41-S2M Datasheet HTML 1Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 2Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 3Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 4Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 5Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC41-S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E3X-DAC-S
5
Sensing Distance
Reflective Models
(Unit: mm)
Sensing object
White paper
Standard color card (11 colors)
(mutual determination)
Type
High-
resolu-
tion
mode
Stan-
dard
mode
High-
speed
mode
Super-
high-
speed
mode
High-
resolu-
tion
mode
Stan-
dard
mode
High-
speed
mode
Super-
high-
speed
mode
Stan-
dard
models
General-
purpose
E32-DC200
70
54
46
18
14
10
8.5
6
E32-D11R/E32-D12R/
E32-D15XR/E32-D11N/
E32-DC200BR(B4R)
42
32
26
11
8.565
3.5
E32-D14LR
11
8.5
7
2.5
2.4
1.7
1.4
1
E32-D15YR/E32-D15ZR
10
7.5
6.5
2.5
2.1
1.5
1.3
0.9
E32-D211/E32-DC200E/
E32-D22/E32-D25X/
E32-DC200F(F4)
20
16
14
5
4.5
3
2.5
1.5
E32-D24
8.8
6.7
5.8
2.1
1.8
1.3
1.1
0.7
E32-D25Y/E32-D25Z
5.8
4.5
3.8
1.4
1.2
0.9
0.7
0.5
Break-
resistant
E32-D11/E32-D15XB
42
32
26
11
8.565
3.5
E32-D21B/E32-D221B
19
15
13
4.5
4.1
3
2.4
1.5
E32-D21/E32-D22B
8.8
6.7
5.8
2.1
1.8
1.3
1.1
0.7
E32-D25XB
14
10
9
3
3
2.1
1.7
1.1
Fluorine
coating
E32-D11U
42
32
26
11
8.565
3.5
Special-
beam
models
Long dis-
tance,
high power
E32-A09
20 to 38
24 to 36
26 to 32
---
20 to 38
24 to 36
26 to 32
---
E32-D11L
90
70
60
22
19
13
11
7.5
E32-D21L/E32-D22L
35
26
22
8
754
2.5
Coaxial
E32-CC200
60
45
35
16
12
9
7
4
E32-CC200R/E32-C11N
35
26
22
9
7.5
5
4.5
3
E32-D32L
35
26
22
9
7.5
5
4.5
3
E32-C31/E32-D32
17
13
11
4.5
3.7
2.7
2.2
1.5
E32-C31N
7.7
6
4.8
2.1
1.6
1.2
0.9
0.7
Area
sensing
E32-D36P1
35
26
22
9
7.5
5
4.5
3
Environ-
ment
resis-
tive
models
Heat-
resistant
E32-D51
55
42
36
14
11
8.5
7
4.5
E32-D81R-S/E32-D61-S
20
15
13
5
4
3
2.5
1.5
E32-D73-S
13
10
8.5
3.5
2.8
21.71.2
Chemical
resistant
E32-D12F
22
17
15
6
4.9
3.5
2.9
2
E32-D14F
9762
2.1
1.4
1.2
0.6


Similar Part No. - E3X-DAC41-S2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC41-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com