Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3603 Datasheet(PDF) 3 Page - NEC

Part # 2SC3603
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3603 Datasheet(HTML) 3 Page - NEC

  2SC3603 Datasheet HTML 1Page - NEC 2SC3603 Datasheet HTML 2Page - NEC 2SC3603 Datasheet HTML 3Page - NEC 2SC3603 Datasheet HTML 4Page - NEC 2SC3603 Datasheet HTML 5Page - NEC 2SC3603 Datasheet HTML 6Page - NEC 2SC3603 Datasheet HTML 7Page - NEC 2SC3603 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC3603
S PARAMETER
VCE = 10 V, IC = 20 mA, ZO = 50
f (MHz)
|S11|
∠S11
|S21|
∠S21
|S12|
∠S12
|S22|
∠S22
500
.629
-160.8
10.100
92.6
.040
41.5
.256
-49.0
1000
.631
175.8
5.411
75.1
.048
51.4
.244
-57.2
1500
.628
162.5
3.565
60.6
.070
59.2
.232
-66.8
2000
.646
152.2
2.720
48.4
.086
56.0
.220
-77.4
2500
.659
142.1
2.161
38.8
.105
52.2
.213
-89.1
3000
.677
132.0
1.916
25.7
.127
45.1
.217
-103.1
3500
.695
123.8
1.585
14.3
.151
39.7
.232
-119.5
4000
.713
116.5
1.392
5.3
.168
34.8
.254
-134.0
INSERTION GAIN vs.
COLLECTOR CURRENT
20
18
16
14
12
10
8
6
4
2
0
12
5
IC - Collector Current - mA
10
20
50
VCE = 10 V
f = 0.5 GHz
f = 1 GHz
f = 2 GHz
NOISE FIGURE vs. COLLECTOR CURRENT
6
5
4
3
2
1
2
5
10
20
50
IC - Collector Current - mA
VCE =10 V
f = 2 GHz
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
30
20
10
7
5
3
2
12
3
5
7
10
20
30
IC - Collector Current - mA
VCE = 10 V


Similar Part No. - 2SC3603

ManufacturerPart #DatasheetDescription
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC3603 RENESAS-2SC3603 Datasheet
214Kb / 10P
   SILICON TRANSISTOR
1995
More results

Similar Description - 2SC3603

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
NEC
2SC3587 NEC-2SC3587 Datasheet
91Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
New Jersey Semi-Conduct...
2SC3604 NJSEMI-2SC3604 Datasheet
198Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
NEC
2SC3604 NEC-2SC3604 Datasheet
94Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
eleflow technologies co...
2SC3603 ELEFLOW-2SC3603 Datasheet
222Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION
logo
NEC
2SC5369 NEC-2SC5369 Datasheet
72Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE AMPLIFICATION
logo
California Eastern Labs
2SC3356 CEL-2SC3356 Datasheet
1Mb / 9P
   NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
logo
NEC
2SC5177 NEC-2SC5177 Datasheet
56Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5180 NEC-2SC5180 Datasheet
54Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com