Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOJC336M010WJ Datasheet(PDF) 3 Page - AVX Corporation

Part # NOJC336M010WJ
Description  Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJC336M010WJ Datasheet(HTML) 3 Page - AVX Corporation

  NOJC336M010WJ Datasheet HTML 1Page - AVX Corporation NOJC336M010WJ Datasheet HTML 2Page - AVX Corporation NOJC336M010WJ Datasheet HTML 3Page - AVX Corporation NOJC336M010WJ Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
120
JANUARY 2014
OxiCap® NOJ Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
1.8 Volt @ 85°C (1.2 Volt @ 105°C)
NOJA476M001#WJ
A
47
1.8
1.7
8
1.6
1
0.237
0.213
0.095
0.379
0.342
0.152
NOJB476M001#WJ
B
47
1.8
1.7
6
1.6
1
0.252
0.227
0.101
0.404
0.364
0.162
NOJB686M001#WJ
B
68
1.8
2.5
6
1.5
1
0.261
0.235
0.104
0.391
0.352
0.156
NOJB107M001#WJ
B
100
1.8
3.6
6
1.4
1
0.270
0.243
0.108
0.378
0.340
0.151
NOJC107M001#WJ
C
100
1.8
3.6
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M001#WJ
C
150
1.8
5.4
8
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC227M001#WJ
C
220
1.8
8.0
8
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC337M001#WJ
C
330
1.8
11.9
8
0.3
1
0.663
0.597
0.265
0.199
0.179
0.080
2.5 Volt @ 85°C (1.7 Volt @ 105°C)
NOJA226M002#WJ
A
22
2.5
1.1
6
1.9
1
0.218
0.196
0.087
0.414
0.372
0.165
NOJA336M002#WJ
A
33
2.5
1.7
6
1.7
1
0.230
0.207
0.092
0.391
0.352
0.156
NOJB336M002#WJ
B
33
2.5
1.7
6
1.7
1
0.245
0.220
0.098
0.416
0.375
0.167
NOJA476M002#WJ
A
47
2.5
2.4
8
1.6
1
0.237
0.213
0.095
0.379
0.342
0.152
NOJB476M002#WJ
B
47
2.5
2.4
6
1.6
1
0.252
0.227
0.101
0.404
0.364
0.162
NOJB686M002#WJ
B
68
2.5
3.4
6
1.5
1
0.261
0.235
0.104
0.391
0.352
0.156
NOJC686M002#WJ
C
68
2.5
3.4
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB107M002#WJ
B
100
2.5
5.0
6
1.4
1
0.270
0.243
0.108
0.378
0.340
0.151
NOJC107M002#WJ
C
100
2.5
5.0
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M002#WJ
C
150
2.5
7.5
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC227M002#WJ
C
220
2.5
11.0
8
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC337M002#WJ
C
330
2.5
16.5
10
0.3
1
0.663
0.597
0.265
0.199
0.179
0.080
NOJD337M002#WJ
D
330
2.5
16.5
10
0.3
3
0.775
0.697
0.310
0.232
0.209
0.093
NOJD477M002#WJ
D
470
2.5
23.5
12
0.3
3
0.775
0.697
0.310
0.323
0.209
0.093
NOJE477M002#WJ
E
470
2.5
23.5
10
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJE687M002#WJ
E
680
2.5
34.0
14
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJV108M002#WJ
V
1000
2.5
50.0
16
0.3
3
1.000
0.900
0.400
0.300
0.270
0.120
4 Volt @ 85°C (2.7 Volt @ 105°C)
NOJA156M004#WJ
A
15
4
1.2
6
2
1
0.212
0.191
0.085
0.424
0.382
0.170
NOJA226M004#WJ
A
22
4
1.8
6
1.9
1
0.218
0.196
0.087
0.414
0.372
0.165
NOJB226M004#WJ
B
22
4
1.8
6
1.9
1
0.232
0.209
0.093
0.440
0.396
0.176
NOJA336M004#WJ
A
33
4
2.6
10
1.7
1
0.230
0.207
0.092
0.391
0.352
0.156
NOJB336M004#WJ
B
33
4
2.6
6
1.7
1
0.245
0.220
0.098
0.416
0.375
0.167
NOJA476M004#WJ
A
47
4
3.8
18
2.2
1
0.202
0.182
0.081
0.445
0.400
0.178
NOJB476M004#WJ
B
47
4
3.8
6
1.6
1
0.252
0.227
0.101
0.404
0.364
0.162
NOJC476M004#WJ
C
47
4
3.8
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB686M004#WJ
B
68
4
5.4
6
1.5
1
0.261
0.235
0.104
0.391
0.352
0.156
NOJC686M004#WJ
C
68
4
5.4
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB107M004#WJ
B
100
4
8.0
16
1.4
1
0.270
0.243
0.108
0.378
0.340
0.151
NOJB107M004#WB
B
100
4
8.0
16
0.25
3
0.639
0.575
0.255
0.160
0.144
0.064
NOJC107M004#WJ
C
100
4
8.0
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC157M004#WJ
C
150
4
12.0
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJD157M004#WJ
D
150
4
12.0
6
0.3
3
0.775
0.697
0.310
0.232
0.209
0.093
NOJC227M004#WJ
C
220
4
17.6
8
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJD227M004#WJ
D
220
4
17.6
8
0.4
3
0.671
0.604
0.268
0.268
0.241
0.107
NOJD337M004#WJ
D
330
4
26.4
8
0.3
3
0.775
0.697
0.310
0.232
0.209
0.093
NOJD477M004#WJ
D
470
4
37.6
12
0.3
3
0.775
0.697
0.310
0.232
0.209
0.093
NOJE477M004#WJ
E
470
4
37.6
12
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJE687M004#WJ
E
680
4
54.4
14
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJV687M004#WJ
V
680
4
54.4
14
0.3
3
1.000
0.900
0.400
0.300
0.270
0.120
NOJV108M004#WJ
V
1000
4
80.0
18
0.3
3
1.000
0.900
0.400
0.300
0.270
0.120
6.3 Volt @ 85°C (4 Volt @ 105°C)
NOJA475M006#WJ
A
4.7
6.3
1.1
6
3.2
1
0168
0.151
0.067
0.537
0.483
0.215
NOJA685M006#WJ
A
6.8
6.3
1.1
6
2.6
1
0.186
0.167
0.074
0.484
0.435
0.193
NOJA106M006#WJ
A
10
6.3
1.2
6
2.2
1
0.202
0.182
0.081
0.445
0.400
0.178
NOJA156M006#WJ
A
15
6.3
1.8
8
2
1
0.212
0.191
0.085
0.424
0.382
0.170
NOJB156M006#WJ
B
15
6.3
1.8
6
2
1
0.226
0.203
0.090
0.452
0.406
0.181
NOJA226M006#WJ
A
22
6.3
2.6
8
1.8
1
0.224
0.201
0.089
0.402
0.362
0.161
NOJB226M006#WJ
B
22
6.3
2.6
6
1.9
1
0.232
0.209
0.093
0.440
0.396
0.176
NOJB336M006#WJ
B
33
6.3
4.0
6
1.7
1
0.245
0.220
0.098
0.416
0.375
0.167
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - NOJC336M010WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJC336M010 AVX-NOJC336M010 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOJC336M010WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com