Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN132V130A24LS Datasheet(PDF) 2 Page - Tyco Electronics

Part # ZEN132V130A24LS
Description  PolyZen Devices Polymer Protected Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZEN132V130A24LS Datasheet(HTML) 2 Page - Tyco Electronics

  ZEN132V130A24LS Datasheet HTML 1Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 2Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 3Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 4Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 5Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 6Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 7Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 8Page - Tyco Electronics ZEN132V130A24LS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
32
RoHS Compliant, ELV Compliant
5
(Performance ratings @ 25°C unless otherwise specified)
+
Power Supply
(External or internal)
GND
1
2
3
Regulated
Output
Protected downstream
electronics
V
OUT
V
IN
R
LOAD
Protected Electronics
PolyZen
Device
Polymer PTC
GND
Zener
Diode
V
IN
V
OUT
GND
V
IN
V
OUT
IPTC
IOUT
IFLT
ZEN056V130A24LS
5.45
5.60
5.75
0.10
1.30
0.12
0.16
24V
3A
+10/-40
+24/-16V
ZEN059V130A24LS
5.80
5.90
6.00
0.10
1.30
0.12
0.15
24V
3A
+6/-40
+24/-16V
ZEN065V130A24LS
6.35
6.50
6.65
0.10
1.30
0.12
0.16
24V
3A
+6/-40
+24/-16V
ZEN098V130A24LS
9.60
9.80
10.00
0.10
1.30
0.12
0.16
24V
3A
+3.5/-40
+24/-16V
ZEN132V130A24LS
13.20
13.40
13.60
0.10
1.30
0.12
0.16
24V
3A
+2/-40
+24/-16V
ZEN164V130A24LS
16.10
16.40
16.60
0.10
1.30
0.12
0.16
24V
3A
+1.25/-40
+24/-16V
ZEN056V230A16LS
5.45
5.60
5.75
0.10
2.30
0.04
0.06
16V
5A
+5/-40
+16/-12V
ZEN065V230A16LS
6.35
6.50
6.65
0.10
2.30
0.04
0.06
16V
5A
+3.5/-40
+16/-12V
ZEN098V230A16LS
9.60
9.80
10.00
0.10
2.30
0.04
0.06
16V
5A
+3.5/-40
+16/-12V
ZEN132V230A16LS
13.20
13.40
13.60
0.10
2.30
0.04
0.06
16V
5A
+2/-40
+20/-12V
ZEN056V075A48LS
5.45
5.60
5.75
0.10
0.75
0.28
0.45
48V
3A
+10/-40
+48/-16V
ZEN132V075A48LS
13.20
13.40
13.60
0.10
0.75
0.28
0.45
48V
3A
+2/-40
+48/-16V
ZEN056V115A24LS
5.45
5.60
5.75
0.10
1.15
0.15
0.18
24V
3A
+10/-40
+24/-16V
ZEN056V130A24GS*
5.45
5.60
5.75
0.10
1.30
0.12
0.18
24V
3A
+6/-40
+24/-16V
* Module height is 1.25mm. Module height of all other part numbers is 2.0mm.
Typical operating current is 500µA @ 5.0V which meets USB suspend mode requirement.
Part Number
VZ(V)
Min.
Typ.
Max.
IZt
(A)
IHOLD
@ 20°C
(A)
RTyp
(
Ω)
R1MAX
(
Ω)
VINT MAX
Test
VINT MAX
Current
(V)
(A)
IFLT MAX
Test
IFLT MAX
Voltage
(A)
(V)
VZ
Zener clamping voltage measured at current IZt and 20°C.
IZt
Test current at which VZ is measured.
IHOLD
Maximum steady state current IPTC that will not generate a trip event at the specified temperature.
Ratings assume IFLT = 0A.
RTyp
Typical resistance between VIN and VOUT pins when the device is at room temperature.
R1MAX
The maximum resistance between VIN and VOUT pins, at room temperature, one hour after first trip
or after reflow soldering.
IFLT
Current flowing through the Zener diode.
IFLT MAX
Maximum RMS fault current the Zener diode component of the device can withstand and remain
resettable; testing is conducted at rated voltage with no load connected to VOUT.
VINT MAX
The voltage (VIN - VOUT “post trip”) at which typical qualification devices (98% devices, 95%
confidence) survived at least 100 trip cycles and 24 hours trip endurance when “tripped” at the
specified voltage and current (IPTC).
IPTC
Current flowing through the PTC portion of the circuit.
IOUT
Current flowing out the VOUT pin of the device.
Trip Event
A condition where the PTC transitions to a high resistance state, thereby limiting IPTC, and
significantly increasing the voltage drop between VIN and VOUT.
Figure PZ1 Typical Application Block Diagram for PolyZen Devices
Table PZ1 Electrical Characteristics for PolyZen Devices
Table PZ2 Definitions of Terms for PolyZen Devices


Similar Part No. - ZEN132V130A24LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN132V130A24LS MACOM-ZEN132V130A24LS Datasheet
226Kb / 5P
   Overvoltage transient suppression
ZEN132V130A24LS MACOM-ZEN132V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
TE Connectivity Ltd
ZEN132V130A24LS TEC-ZEN132V130A24LS Datasheet
246Kb / 8P
   Polymer Enhanced Zener Diode Micro-Assemblies
More results

Similar Description - ZEN132V130A24LS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ZEN056V130A24CE TEC-ZEN056V130A24CE Datasheet
758Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V075A48LS TEC-ZEN056V075A48LS Datasheet
309Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
logo
Tyco Electronics
ZEN056V130A24LS MACOM-ZEN056V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com