Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZEN056V130A24LS Datasheet(PDF) 1 Page - Tyco Electronics

Part # ZEN056V130A24LS
Description  PolyZen Devices Polymer Protected Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZEN056V130A24LS Datasheet(HTML) 1 Page - Tyco Electronics

  ZEN056V130A24LS Datasheet HTML 1Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 2Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 3Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 4Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 5Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 6Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 7Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 8Page - Tyco Electronics ZEN056V130A24LS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
31
5
PolyZen devices are polymer enhanced precision Zener
diode micro-assemblies that help protect sensitive
electronics from damage caused by inductive voltage
spikes, voltage transients, use of incorrect power supplies
and reverse bias.
The PolyZen micro-assembly incorporates a stable
Zener
diode
for
precise
voltage
clamping
and
a
resistively non-linear, polymeric positive temperature
coefficient (PPTC) layer that responds to either diode
heating or overcurrent events by transitioning from a
low to high resistance state.
PolyZen devices help provide resettable protection
against damage caused by multi-watt fault events and
require only 0.7W power dissipation. In the event of
sustained high power conditions, the PPTC element of
the device “trips” to limit current and generate voltage
drop. This functionality helps protect both the Zener
and the follow-on electronics, effectively increasing the
diode’s power handling capacity.
• Helps shield downstream electronics from overvoltage
and reverse bias
• Trip events shut out overvoltage and reverse bias
sources
• Analog nature of trip events minimize upstream
inductive spikes
• Helps reduce design costs with single component
placement and minimal heat sinking requirements
• RoHS compliant
• Overvoltage transient suppression
• Hold currents up to 2.3A
• Time delayed, overvoltage trip
• Time delayed, reverse bias trip
• Power handling on the order of 30 watts
• Integrated device construction
• Portable media players
• Global positioning systems
• Hard disk drives 5V & 12V bus
• Solid State Drives (SSD) 5V bus
PolyZen Devices
Polymer Protected Zener Diode
Benefits
Features
Applications
• Cellphone charger port and USB power
• Automotive peripheral input power
• DC power port protection
• Industrial handheld POS
NOT the LATEST
REVISION
OBSOLETE


Similar Part No. - ZEN056V130A24LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN056V130A24LS MACOM-ZEN056V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
TE Connectivity Ltd
ZEN056V130A24LS TEC-ZEN056V130A24LS Datasheet
250Kb / 8P
   Polymer Enhanced Zener Diode Micro-Assemblies
More results

Similar Description - ZEN056V130A24LS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ZEN056V130A24CE TEC-ZEN056V130A24CE Datasheet
758Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V075A48LS TEC-ZEN056V075A48LS Datasheet
309Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
logo
Tyco Electronics
ZEN056V130A24LS MACOM-ZEN056V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com