Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL36374L000FEA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL36374L000FEA
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL36374L000FEA Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL36374L000FEA Datasheet HTML 1Page - Vishay Siliconix WSL36374L000FEA Datasheet HTML 2Page - Vishay Siliconix WSL36374L000FEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30099
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 10-Dec-10
373
WSL3637
Power Metal Strip® Resistors, Low Value (down to 0.001
Ω),
Surface Mount, 4-Terminal
Vishay Dale
DIMENSIONS
Note
• Embossed Carrier Tape per EIA-481.
MODEL
DIMENSIONS in inches (millimeters)
RESISTANCE
RANGE
(
Ω)
WL
H
T
A
B
WSL3637
0.002 to 0.01
0.370 ± 0.010
(9.40 ± 0.254)
0.360 ± 0.010
(9.14 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.086 ± 0.010
(2.18 ± 0.254)
0.061 ± 0.010
(1.55 ± 0.254)
0.032 ± 0.010
(0.813 ± 0.254)
0.001 to 0.0019
0.138 ± 0.010
(3.51 ± 0.254)
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
RESISTANCE
RANGE
(
Ω)
abcd
l
WSL3637
0.002 to 0.01
0.116 (2.95)
0.390 (9.91)
0.066 (1.68)
0.024 (0.610)
0.178 (4.52)
0.001 to 0.0019
0.168 (4.27)
0.390 (9.91)
0.066 (1.68)
0.024 (0.610)
0.074 (1.88)
A
c
B
W
L
T
H
I
d
b
a
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low temperature storage
- 65 °C for 24 h
± (0.5 % + 0.0005
Ω) ΔR
High temperature exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL3637
16 mm/embossed plastic
330 mm/13"
4000
EA
- 65 - 55
- 25
0
25
50
75
100
125
150
170
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C


Similar Part No. - WSL36374L000FEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
Revision: 11-Sep-04
WSL3637 VISHAY-WSL3637 Datasheet
266Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 26-Mar-07
WSL3637 VISHAY-WSL3637 Datasheet
110Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSL3637 VISHAY-WSL3637 Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL3637 VISHAY-WSL3637 Datasheet
127Kb / 5P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface-Mount, 4-Terminal
01-Jan-2022
More results

Similar Description - WSL36374L000FEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL36371L000FEA VISHAY-WSL36371L000FEA Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSK VISHAY-WSK_09 Datasheet
108Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSL3637 VISHAY-WSL3637_09 Datasheet
110Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 01-Jul-09
WSL36378L000FEA VISHAY-WSL36378L000FEA Datasheet
93Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSK VISHAY-WSK Datasheet
211Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 26-Mar-07
WSL3637 VISHAY-WSL3637_07 Datasheet
266Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 26-Mar-07
WSK1206 VISHAY-WSK1206_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
WSL3637 VISHAY-WSL3637_V01 Datasheet
127Kb / 5P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface-Mount, 4-Terminal
01-Jan-2022
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com