Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO615A-5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VO615A-5
Description  Optocoupler, Phototransistor Output, High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO615A-5 Datasheet(HTML) 1 Page - Vishay Siliconix

  VO615A-5 Datasheet HTML 1Page - Vishay Siliconix VO615A-5 Datasheet HTML 2Page - Vishay Siliconix VO615A-5 Datasheet HTML 3Page - Vishay Siliconix VO615A-5 Datasheet HTML 4Page - Vishay Siliconix VO615A-5 Datasheet HTML 5Page - Vishay Siliconix VO615A-5 Datasheet HTML 6Page - Vishay Siliconix VO615A-5 Datasheet HTML 7Page - Vishay Siliconix VO615A-5 Datasheet HTML 8Page - Vishay Siliconix VO615A-5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VO615A
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 09-Sep-13
1
Document Number: 81753
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Temperature
DESCRIPTION
The VO615A consists of a phototransistor optically coupled
to a gallium arsenide infrared-emitting diode in a 4 pin
plastic dual inline package.
AGENCY APPROVALS
(All parts are certified under base model VO615A)
• BSI: EN 60065:2002, EN 60950-1:2006
• DIN EN 60747-5-5 (VDE 0884), available with option 1
• FIMKO: FI25155
• UL 1577 file no. E52744
• cUL 1577 tested to CSA 22.2 bulletin 5A
• CQC file no. 09001038077; 09001038080
FEATURES
• Temperature range - 55 °C to + 110 °C
• Rated impulse voltage (transient overvoltage)
VIOTM = 6 kVpeak
• Isolation test voltage (partial discharge test
voltage)
Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive) VIORM = 850 Vpeak
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
• Application class I to IV at mains voltage
≤ 300 V
• Application class I to IV at mains voltage
≤ 600 V
according to table 1 of IEC 60664-1, suitable for:
- Switch-mode power supplies
- Line receiver
- Computer peripheral interface
- Microprocessor system interface
Note
• Additional options may be possible, please contact sales office.
C
E
1
AC
17918-23
ORDERING INFORMATION
VO
6
1
5
A
-
#
X
0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/
PACKAGE
CTR (%)
5 mA
10 mA
5 mA
BSI, FIMKO, UL, cUL,
CQC (option 1)
50 to 600 40 to 80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400
DIP-4
VO615A VO615A-1 VO615A-2 VO615A-3 VO615A-4 VO615A-5 VO615A-6 VO615A-7 VO615A-8 VO615A-9
DIP-4, 400 mil,
option 6
VO615A-
X006
VO615A-
1X006
VO615A-
2X006
VO615A-
3X006
VO615A-
4X006
VO615A-
5X006
VO615A-
6X006
VO615A-
7X006
VO615A-
8X006
VO615A-
9X006
SMD-4, option 7
VO615A-
X007T
VO615A-
1X007T
VO615A-
2X007T
VO615A-
3X007T
VO615A-
4X007T
VO615A-
5X007T
VO615A-
6X007T
VO615A-
7X007T
VO615A-
8X007T
VO615A-
9X007T
SMD-4, option 8
-
-
-
VO615A-
3X008T
-----
-
SMD-4, option 9
VO615A-
X009T
VO615A-
1X009T
VO615A-
2X009T
VO615A-
3X009T
VO615A-
4X009T
VO615A-
5X009T
VO615A-
6X009T
VO615A-
7X009T
--
VDE, BSI, FIMKO, UL,
cUL, CQC
50 to 600 40 to 80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400
DIP-4
VO615A-
X001
VO615A-
1X001
VO615A-
2X001
VO615A-
3X001
VO615A-
4X001
-
VO615A-
6X001
VO615A-
7X001
VO615A-
8X001
-
DIP-4, 400 mil,
option 6
--
VO615A-
2X016
VO615A-
3X016
VO615A-
4X016
VO615A-
5X016
--
VO615A-
8X016
VO615A-
9X016
SMD-4, option 7
VO615A-
X017T
VO615A-
1X017T
-
VO615A-
3X017T
VO615A-
4X017T
-
VO615A-
6X017T
VO615A-
7X017T
VO615A-
8X017T
VO615A-
9X017T
SMD-4, option 8
-
-
-
VO615A-
3X018T
VO615A-
4X018T
---
VO615A-
8X018T
-
SMD-4, option 9
-
VO615A-
1X019T
VO615A-
2X019T
VO615A-
3X019T
VO615A-
4X019T
----
-
7.62 mm
DIP-#
10.16 mm
> 0.6 mm
Option 7
Option 6
Option 9
9.27 mm
Option 8
> 8 mm


Similar Part No. - VO615A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-5 VISHAY-VO615A-5 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
VO615A-5 VISHAY-VO615A-5 Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A-5 VISHAY-VO615A-5 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
VO615A-5X006 VISHAY-VO615A-5X006 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
VO615A-5X006 VISHAY-VO615A-5X006 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
More results

Similar Description - VO615A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A-4X009T VISHAY-VO615A-4X009T Datasheet
201Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.0, 15-Feb-13
VO615A-6X009T VISHAY-VO615A-6X009T Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
VO615A-6X001 VISHAY-VO615A-6X001 Datasheet
198Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
Rev. 2.2, 09-Sep-13
TCET1100G VISHAY-TCET1100G_V01 Datasheet
142Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1100 VISHAY-TCET1100_V02 Datasheet
143Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2023
VO615A VISHAY-VO615A_V02 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2023
VO615A VISHAY-VO615A_V01 Datasheet
205Kb / 10P
   Optocoupler, Phototransistor Output, High Temperature
01-Jan-2022
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
Rev. 1.8, 21-Nov-07
TCET111 VISHAY-TCET111_V01 Datasheet
147Kb / 8P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
01-Jan-2023
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
Rev. 1.0, 04-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com