Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40-70-100MT160P Datasheet(PDF) 5 Page - International Rectifier

Part # 40-70-100MT160P
Description  MTP 3-Phase Rectifier Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40-70-100MT160P Datasheet(HTML) 5 Page - International Rectifier

  40-70-100MT160P Datasheet HTML 1Page - International Rectifier 40-70-100MT160P Datasheet HTML 2Page - International Rectifier 40-70-100MT160P Datasheet HTML 3Page - International Rectifier 40-70-100MT160P Datasheet HTML 4Page - International Rectifier 40-70-100MT160P Datasheet HTML 5Page - International Rectifier 40-70-100MT160P Datasheet HTML 6Page - International Rectifier 40-70-100MT160P Datasheet HTML 7Page - International Rectifier 40-70-100MT160P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTP 3-Phase Rectifier Series
5
Bulletin I27145 rev. B 06/02
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 3 - Maximum Non-Repetitive Surge Current
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Current Rating Nomogram (1 Module Per Heatsink)
Total Output Current (A)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Instantaneous On-state Voltage (V)
Pulse Train Duration(s)
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
0
30
60
90
120
150
0.3
K/W
0.4
K/W
0.5
K/W
1 K/W
0.2
K/W
Fig. 2 - On-state Voltage Drop Characteristics
1
10
100
1000
0123456
Tj = 150˚C
Tj = 25˚C
40MT...P
50
100
150
200
250
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
40MT...P
Per Junction
50
100
150
200
250
300
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T j = 150˚C
No Voltage Reapplied
Rated V rrm Reapplied
40MT...P
Per Junction
0
50
100
150
200
250
0
10
203040
5060
120˚
(Rect)
Tj = 150˚C
40MT...P
80
90
100
110
120
130
140
150
160
0
1020
3040
50
120˚
(Rect)
40MT...P
R
(DC) = 0.27 K/W
Per Module
thJC


Similar Part No. - 40-70-100MT160P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
40-002-171PTLHT ARIES-40-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
40-002-172PTLHT ARIES-40-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
40-002-173PTLHT ARIES-40-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
40-002.125-171PTLHT ARIES-40-002.125-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
40-002.125-172PTLHT ARIES-40-002.125-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 40-70-100MT160P

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK30DTA SEMIKRON-SK30DTA_08 Datasheet
975Kb / 3P
   3-phase bridge rectifier series thyristor
SK80DTA SEMIKRON-SK80DTA Datasheet
416Kb / 3P
   3-phase bridge rectifier series thyristor
SK60DTA SEMIKRON-SK60DTA_06 Datasheet
548Kb / 3P
   3-phase bridge rectifier series thyristor
SK60DTA SEMIKRON-SK60DTA Datasheet
428Kb / 3P
   3-phase bridge rectifier series thyristor
SK30DTA SEMIKRON-SK30DTA Datasheet
824Kb / 3P
   3-phase bridge rectifier series thyristor
SK80DTA SEMIKRON-SK80DTA_06 Datasheet
537Kb / 3P
   3-phase bridge rectifier series thyristor
SKIIP03NAC066V3 SEMIKRON-SKIIP03NAC066V3 Datasheet
1,012Kb / 4P
   3-phase bridge rectifier 3-phase bridge inverter
SK25DGD065ET SEMIKRON-SK25DGD065ET Datasheet
600Kb / 4P
   3-phase bridge rectifier 3-phase bridge inverter
SK10DGDL126ET SEMIKRON-SK10DGDL126ET Datasheet
789Kb / 4P
   3-phase bridge rectifier brake chopper 3-phase
SK20DGD065ET SEMIKRON-SK20DGD065ET_06 Datasheet
775Kb / 4P
   3-phase bridge rectifier 3-phase bridge inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com