Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-HFA16TB120PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-HFA16TB120PBF
Description  HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-HFA16TB120PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-HFA16TB120PBF Datasheet HTML 1Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 2Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 3Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 4Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 5Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 6Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 7Page - Vishay Siliconix VS-HFA16TB120PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-HFA16TB120PbF, VS-HFA16TB120-N3
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
1
Document Number: 94060
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HEXFRED®
Ultrafast Soft Recovery Diode, 16 A
FEATURES
• Ultrafast and ultrasoft recovery
• Very low IRRM and Qrr
• Compliant to RoHS Directive 2002/95/EC
• Designed
and
qualified
according
to
JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21
definition (-N3 only)
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
VS-HFA16TB120... is a state of the art ultrafast recovery
diode. Employing the latest in epitaxial construction and
advanced processing techniques it features a superb
combination of characteristics which result in performance
which is unsurpassed by any rectifier previously available.
With basic ratings of 1200 V and 16 A continuous current,
the VS-HFA16TB120... is especially well suited for use as
the companion diode for IGBTs and MOSFETs. In addition
to ultrafast recovery time, the HEXFRED® product line
features extremely low values of peak recovery current
(IRRM) and does not exhibit any tendency to “snap-off”
during the tb portion of recovery. The HEXFRED features
combine to offer designers a rectifier with lower noise and
significantly lower switching losses in both the diode and the
switching transistor. These HEXFRED advantages can help
to significantly reduce snubbing, component count and
heatsink sizes. The HEXFRED VS-HFA16TB120... is ideally
suited for applications in power supplies and power
conversion systems (such as inverters), motor drives, and
many other similar applications where high speed, high
efficiency is needed.
PRODUCT SUMMARY
Package
TO-220AC
IF(AV)
16 A
VR
1200 V
VF at IF
3.0 V
trr typ.
30 ns
TJ max.
150 °C
Diode variation
Single die
TO-220AC
Anode
1
3
Cathode
Base
cathode
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VR
1200
V
Maximum continuous forward current
IF
TC = 100 °C
16
A
Single pulse forward current
IFSM
190
Maximum repetitive forward current
IFRM
64
Maximum power dissipation
PD
TC = 25 °C
151
W
TC = 100 °C
60
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C


Similar Part No. - VS-HFA16TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA16TB120-M3 VISHAY-VS-HFA16TB120-M3 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 23-Nov-17
VS-HFA16TB120-M3 VISHAY-VS-HFA16TB120-M3 Datasheet
174Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
01-Jan-2022
VS-HFA16TB120-M3 VISHAY-VS-HFA16TB120-M3_V01 Datasheet
174Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 16 A
01-Jan-2022
VS-HFA16TB120HM3 VISHAY-VS-HFA16TB120HM3 Datasheet
150Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 28-Nov-14
VS-HFA16TB120S-M3 VISHAY-VS-HFA16TB120S-M3 Datasheet
166Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 27-Oct-17
More results

Similar Description - VS-HFA16TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA16TB120SHM3 VISHAY-VS-HFA16TB120SHM3 Datasheet
151Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 28-Nov-14
VS-HFA16PB120HN3 VISHAY-VS-HFA16PB120HN3 Datasheet
157Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 05-Apr-16
VS-HFA16TB120SPBF VISHAY-VS-HFA16TB120SPBF Datasheet
165Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 16 A
Revision: 26-Feb-16
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
VS-HFA32PA120CPBF VISHAY-VS-HFA32PA120CPBF Datasheet
147Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 16 A
Revision: 14-Jul-15
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
VS-HFA280NJ60CPBF VISHAY-VS-HFA280NJ60CPBF Datasheet
180Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 280 A
Revision: 25-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com