Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVM7695 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OVM7695
Description  OVM7695 VGA product brief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM7695 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OVM7695 Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM7695 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Cellular and Picture Phones
Applications
¬
¬
¬
¬
¬
¬
¬
support image sizes: VGA (640x480),
QVGA (320x240), QQVGA (160x120),
and HF (640x20)
support output formats:
YUV422 and RAW 8 RGB through MIPI,
YUV422 and RAW 10 RGB through
OmniVision's proprietary SPI
on-chip phase lock loop (PLL)
built-in 1.5V regulator for digital block
capable of maintaining register values
at software power down
programmable controls for frame rate,
mirror and flip, AEC/AGC, and windowing
support horizontal and
vertical sub-sampling
automatic image control functions:
- automatic exposure control (AEC),
- automatic white balance (AWB)
- automatic black level calibration (ABLC)
image quality controls: defect pixel
correction and lens shading correction
support black sun cancellation
standard serial SCCB interface
I/O tri-state configurability and
programmable polarity
¬
¬
¬
¬
¬
Product Features
¬
OVM7695-RAEA
(color, lead free,
CameraCubeChip™ with black coating)
¬
OVM7695-RYEA
(color, lead free,
CameraCubeChip™ with metal can)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 656 x 496
power supply:
- core: 1.5 VDC ±5% (internal regulator)
- analog: 2.8V ±5%
- I/O: 2.8V, 1.8V
power requirements:
- IDD-A: 15 mA
- IDD-IO: 20 mA
- XSHUTDOWN: 5 µA
temperature range:
- operating: -30°C to 70°C junction
temperature
- stable image: 0°C to 50°C junction
temperature
output formats: YUV422, RAW RGB
diagonal field of view (FOV): 61°
f no.: 2.7
focal length: 1.21 mm
input clock frequency: 6 ~ 27 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
scan mode: progressive
maximum image transfer rate:
- VGA (640x480): 30 fps
- QVGA (320x240): 60 fps
- QQVGA (160x120): 120 fps
- HF (640x20): 120 fps
sensitivity: 1200 mV/lux-sec
shutter: rolling shutter
max S/N ratio: 35.9 dB
dynamic range: 66.7 dB @ 16x gain
maximum exposure interval: 536 x tROW
pixel size: 1.75 µm x 1.75 µm
dark current: 10 e-/s
@ 50°C junction temperature
image area: 1148 µm x 868 µm
packagedimensions(includingballheight):
- RAEA: 2420 x 2350 x 2325 µm
- RYEA: 3000 x 2450 x 2370 µm
Product Specifications
Version 1.1, October, 2013
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraChip, OmniBSI-2, OmniBSI+ and CameraCubeChip are
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OVM7695
Functional Block Diagram
OVM7695
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
PLL
control register bank
SCCB slave interface
timing generator and system control logic
image
array
gain control
MIPI/SPI
AMP
10-bit
A/D


Similar Part No. - OVM7695

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM7690 OMNIVISION-OVM7690 Datasheet
130Kb / 2P
   640 x 480 CameraCube??device
OVM7690-R20A OMNIVISION-OVM7690-R20A Datasheet
130Kb / 2P
   640 x 480 CameraCube??device
OVM7692 OMNIVISION-OVM7692 Datasheet
792Kb / 2P
   OVM7692 CameraCubeChip product brief
More results

Similar Description - OVM7695

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com