Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3J2015-200N Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 3J2015-200N
Description  Vehicle Display Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

3J2015-200N Datasheet(HTML) 1 Page - Grayhill, Inc

  3J2015-200N Datasheet HTML 1Page - Grayhill, Inc 3J2015-200N Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vehicle Display
Controller
• Three Configurations
- Optical Rotary Encoder
- Encoder with Pushbutton
- Joysticking Encoder with Pushbutton
• J1939 and CANopen versions
• Dimmable LED indicators and legends
• Sealed to IP67
• Vibration and impact resistant
• Operating Temp: -40oC to +85oC
• Long Life: 500,000 cycles
• Support for multiple key combinations
• Designed for 12/24 volt systems
• Custom legends and configurations
DIMENSIONS in inches (and millimeters)
www.grayhill.com
Put display functions within reach
- 5 hot keys for rapid navigation
- Scroll with rotary encoder
- Select with pushbutton
- Navigate with joystick
Rotary Encoder version
with Target Legends
Joysticking Encoder
version
Your Experts in Cab Controls
Grayhill specializes in the design, development and
production of human interface controls, including:
- Cab user interface design
- Customized control panels
- CAN-bus interface devices
Esc
Blank keys shown below
ISO Symbols shown below
Recommended Panel Cut-out


Similar Description - 3J2015-200N

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
   7" Smart Vehicle Display
TREK-303RH ADVANTECH-TREK-303RH Datasheet
733Kb / 2P
   7" In-Vehicle Smart Display
11-Dec-2018
TREK-303D-HA0E ADVANTECH-TREK-303D-HA0E Datasheet
813Kb / 2P
   7" In-Vehicle Smart Display
TREK-306D-HA0E ADVANTECH-TREK-306D-HA0E Datasheet
883Kb / 2P
   10" In-Vehicle Smart Display
TREK-306DH ADVANTECH-TREK-306DH Datasheet
724Kb / 2P
   10" In-Vehicle Smart Display
26-Feb-2018
TREK-303R-HA0E ADVANTECH-TREK-303R-HA0E Datasheet
1,017Kb / 2P
   7" In-Vehicle Smart Display
TREK-306PH ADVANTECH-TREK-306PH Datasheet
461Kb / 2P
   10" In-Vehicle Smart Display
23-Aug-2019
TREK-305R ADVANTECH-TREK-305R Datasheet
360Kb / 2P
   5.7 Display Solution for Vehicle Applications
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
   7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
   10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com