Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI1206H151R-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LI1206H151R-10
Description  Ferrite EMI Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI1206H151R-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LI1206H151R-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI1206H151R-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI1206H151R-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI1206H151R-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

www.lairdtech.com
SIP-BRO-CHIPBEADS-0308
Low Current Chips ( < 1 Amp and < 400 Ohms )
High Impedance Chips ( < 1 Amp and > 400 Ohms )
High Frequency ( >5 GHz Peak / Page 4 )
Low Frequency ( Page 4 )
HI
MI
HR
DA
Chip Bead
Chip Array
High Current Chips ( > 3 Amps )
Mid Current Chips ( 1 Amp to < 3 Amps )
High Retention Under Bias
4 Line Chip Array ( Page 4 )
LI
HZ
HF
LF
HZ
0402
A
152
R
-10
Product Series Code
Part Size
Code ( EIA )
Rated Continuous
Current Code
Impedance Value
Code
Packaging
Code
Additional
Description
0603 part list continues on the next page.
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
25 MHz
Z @
100 MHz
Z @
500 MHz
Z @
1 GHz
0402 CHIP BEADS
HZ0402A152R-10
High Impedance
1005
400
1,500
441
200
1,500
143
2.000
50
HZ0402A601R-10
High Impedance
1005
182
600
600
300
965
241
1.000
100
HZ0402B102R-10
High Impedance
1005
225
1,000
489
222
1,116
182
1.000
200
LI0402B301R-10
Low Current
1005
96
300
454
351
549
374
0.800
200
LI0402B800R-10
Low Current
1005
32
80
220
224
243
769
0.800
200
LI0402C221R-10
Low Current
1005
72
220
443
243
453
440
0.350
300
LI0402C470R-10
Low Current
1005
15
47
76
90
92
1402
0.150
300
LI0402D121R-10
Low Current
1005
40
120
205
195
213
682
0.400
400
LI0402E190R-10
Low Current
1005
6
19
43
56
92
1,519
0.100
500
LI0402E300R-10
Low Current
1005
9
30
50
57
58
1,195
0.300
500
LI0402E600R-10
Low Current
1005
29
60
90
57
97
801
0.300
500
0603 CHIP BEADS
HI0603P600R-10
High Current
1608
25
60
85
85
100
750
0.030
4,000
HZ0603A152R-10
High Impedance
1608
552
1,500
1,062
503
2,306
190
0.900
100
HZ0603A182R-10
High Impedance
1608
610
1,800
1,070
500
2,420
180
1.500
50
HZ0603A222R-10
High Impedance
1608
195
2,200
375
175
3,051
122
1.500
100
HZ0603A252R-10
High Impedance
1608
791
2,500
1,014
501
3,065
149
1.500
50
HZ0603B102R-10
High Impedance
1608
453
1,000
380
200
1,000
100
0.600
200
HZ0603B112R-10
High Impedance
1608
515
1,100
1,300
850
1,539
288
0.800
200
HZ0603B751R-10
High Impedance
1608
302
750
437
198
863
137
0.600
200
HZ0603C601R-10
High Impedance
1608
232
600
360
171
775
168
0.450
300
HZ0603C651R-10
High Impedance
1608
296
650
954
652
960
400
0.600
300
LI0603B201R-10
Low Current
1608
70
200
340
210
362
420
0.400
200
LI0603D301R-10
Low Current
1608
144
300
286
165
389
261
0.350
400
Ferrite EMI Chip Beads
Features:
• Up to 10 Amps (I MAX) continuous operating capability • Low DCR • Vibration Resistant • Rugged monolithic
construction • Small footprint • Excellent retention under bias • Superior impedance vs. frequency characteristics
• Economical • Broad range of sizes ( from EIA 0402 up to 3312 ) • Broad range of impedance values and current
ratings • Lead free & RoHS compliant • High bias current resistant versions (HR) available. • Low frequency and high
frequency chip beads now available • Spice Models incorporating DC bias effects available on www.lairdtech.com.
PART NUMBERING SYSTEM EXAMPLE


Similar Part No. - LI1206H151R-10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LI1206H151R-10 LSTD-LI1206H151R-10 Datasheet
145Kb / 1P
   this print is the property of laird tech
More results

Similar Description - LI1206H151R-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com