Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS1E153MELA Datasheet(PDF) 1 Page - Nichicon corporation

Part # LLS1E153MELA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS1E153MELA Datasheet(HTML) 1 Page - Nichicon corporation

  LLS1E153MELA Datasheet HTML 1Page - Nichicon corporation LLS1E153MELA Datasheet HTML 2Page - Nichicon corporation LLS1E153MELA Datasheet HTML 3Page - Nichicon corporation LLS1E153MELA Datasheet HTML 4Page - Nichicon corporation LLS1E153MELA Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Frequency (Hz)
350 to 450
8
160 to 250
3
12
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20(MAX.)
16 to 100
4
20
Stability at Low Temperature
Tangent of loss angle (tan
δ)
Endurance
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours at 85°C,
the peak voltage shall not exceed the rated voltage.
– 40 to +85°C (16 to 250V), – 25 to +85°C (350 to 450V)
Category Temperature Range
16
25
35
50
63
80
100
160
180
200
250
350
400
450
0.50
0.40
0.35
0.30
0.25
0.20
0.20
0.15
0.15
0.15
0.15
0.15
0.15
0.20
ALUMINUM ELECTROLYTIC CAPACITORS
LS
series
Withstanding 3000 hours application of rated ripple current at 85°C.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Marking
Printed with white color letter on black sleeve.
16 to 450V
56 to 56000µF
± 20% at 120Hz, 20°C
I
(µA)(After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Measurement frequency :120Hz at 20°C
Rated voltage (V)
tan
δ (MAX.)
Measurement frequency : 120Hz
After storing the capacitors under no load at 85°C
for 1000 hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
(PC board hole dimensions)
(Terminal dimensions)
10
±
0.1
2-2
φ±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
4.0
±0.5
Sleeve (P.E.T.)
Pressure relief vent
Drawing
Type numbering system ( Example : 200V 390µF)
L
1
L
2
S
3
2
4
D
5
3
6
9
7
1
8
M
9
E
10
L
11
Z
12
Configuration
Case dia.code
Capacitance tolerance(
±20%)
Rated capacitance(390
µF)
Rated voltage(200V)
Series name
Type
φD
20
22
25
30
Code
Y
Z
A
B
35
C
LG
Smaller
The other terminal is also available upon request.
Please refer to page 328 for schematic of dimensions.
50k or more
1.15
1.50
1.43
10k
1.15
1.45
1.41
300
1.07
1.17
1.16
120
1.00
1.00
1.00
60
0.90
0.85
0.82
1 k
1.15
1.32
1.30
50
0.88
0.81
0.77
Frequency coefficient of rated ripple current
16 to 100V
160 to 250V
LS
Item
Performance Characteristics
Shelf Life
Capacitance change
Leakage current
tan
δ
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of the initial capacitance value
150% or less than the initial specified value
Less than or equal to the initial specified value
3 CV
Minimum order quantity : 50pcs.
350 to 450V
Dimension table in next page.
Snap-in Terminal Type, 85°C Standard
CAT.8100C


Similar Part No. - LLS1E153MELA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS1E153MELA NICHICON-LLS1E153MELA Datasheet
93Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELA NICHICON-LLS1E153MELA Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
LLS1E153MELA NICHICON-LLS1E153MELA Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELA NICHICON-LLS1E153MELA Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1E153MELA NICHICON-LLS1E153MELA Datasheet
71Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS1E153MELA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com