Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1600 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # Y1600
Description  Rugged XO/Low Phase Noise
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

Y1600 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  Y1600 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
Y1600 series XOs are packaged in the industry-standard 14 pin DIL
package. The part has a rugged onstruction and excellent shock and
vibration performance.
Rugged construction
Low Phase Noise
HCMOS output
Industry-standard dual-in-line package
GENERAL SPECIFICATION
OUTLINES AND DIMENSIONS
Rugged XO/Low Phase Noise
Y1600 Series XO
10.0MHz to 50.0MHz
Frequency Range:
10.0MHz to 50.0MHz
Output:
HCMOS
Load:
10 to 15pF
Symmetry:
50%±5%
Temperature Stability:
Initial Accuracy:
with ±3ppm of nominal & +2.5V EFC
Ageing:
<±1ppm/year first year
<±3ppm for 10 years (10MHZ)
Input Voltage:
+5.0DC±5%
Current Consumption:
<15mA (10MHz)
Frequency Adjust:
±10ppm typ, positive slope
0.5V to +4.5V EFC
PART NUMBERING
Example:
Y1600-N106-10.0MHz
Y1600
- N106 - 10.0MHz
Model number - Stability - Frequency
PHASE NOISE
(At 10.0MHz, Typical)
Offset
dBc/Hz
10Hz
-100
100Hz
-135
1kHz
-150
10kHz
-160
100kHz
-165
TEMPERATURE STABILITY
Temp. Range
Tolerance
Option
0° to +50°C
±5 x 10-6
B56
-20° to +70°C
±10x 10-6
N106
-40° to +85°C
±15 x 10-6
T156


Similar Part No. - Y1600

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y160 TAYCHIPST-Y160 Datasheet
3Mb / 3P
   ZENER DIODES
More results

Similar Description - Y1600

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
   Very Rugged - Low Phase Noise
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com