Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLS1C473MELC Datasheet(PDF) 4 Page - Nichicon corporation

Part # LLS1C473MELC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS1C473MELC Datasheet(HTML) 4 Page - Nichicon corporation

  LLS1C473MELC Datasheet HTML 1Page - Nichicon corporation LLS1C473MELC Datasheet HTML 2Page - Nichicon corporation LLS1C473MELC Datasheet HTML 3Page - Nichicon corporation LLS1C473MELC Datasheet HTML 4Page - Nichicon corporation LLS1C473MELC Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
20
× 25
20
× 25
20
× 30
22
× 25
20
× 30
22
× 30
25
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
30
× 25
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
1280
1550
1630
1630
1900
1860
1860
2140
2150
2150
2350
2350
2330
2330
2680
2650
2640
3020
3000
2960
3430
3410
3400
3960
3960
3940
4310
4280
4960
4960
5570
0.62
0.68
0.74
0.74
0.82
0.82
0.82
0.89
0.89
0.89
0.98
0.98
0.98
0.98
1.08
1.08
1.08
1.20
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.77
1.77
1.97
LLS2C271MELY
LLS2C331MELY
LLS2C391MELY
LLS2C391MELZ
LLS2C471MELY
LLS2C471MELZ
LLS2C471MELA
LLS2C561MELY
LLS2C561MELZ
LLS2C561MELA
LLS2C681MELY
LLS2C681MELZ
LLS2C681MELA
LLS2C681MELB
LLS2C821MELZ
LLS2C821MELA
LLS2C821MELB
LLS2C102MELZ
LLS2C102MELA
LLS2C102MELB
LLS2C122MELA
LLS2C122MELB
LLS2C122MELC
LLS2C152MELA
LLS2C152MELB
LLS2C152MELC
LLS2C182MELB
LLS2C182MELC
LLS2C222MELB
LLS2C222MELC
LLS2C272MELC
160V (2C)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
20
× 25
20
× 30
22
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
35
× 40
35
× 50
1290
1770
1770
1840
1840
1910
1910
2080
2150
2250
2150
2480
2500
2460
2860
2750
2690
3100
3060
3100
3630
3550
3490
4100
4020
4550
4540
4830
5300
0.66
0.73
0.73
0.79
0.79
0.87
0.87
0.87
0.95
0.95
0.95
1.04
1.04
1.04
1.15
1.15
1.15
1.27
1.27
1.27
1.39
1.39
1.39
1.55
1.55
1.70
1.70
1.88
2.09
LLS2Z271MELY
LLS2Z331MELY
LLS2Z331MELZ
LLS2Z391MELY
LLS2Z391MELZ
LLS2Z471MELY
LLS2Z471MELZ
LLS2Z471MELA
LLS2Z561MELY
LLS2Z561MELZ
LLS2Z561MELA
LLS2Z681MELZ
LLS2Z681MELA
LLS2Z681MELB
LLS2Z821MELZ
LLS2Z821MELA
LLS2Z821MELB
LLS2Z102MELZ
LLS2Z102MELA
LLS2Z102MELB
LLS2Z122MELA
LLS2Z122MELB
LLS2Z122MELC
LLS2Z152MELB
LLS2Z152MELC
LLS2Z182MELB
LLS2Z182MELC
LLS2Z222MELC
LLS2Z272MELC
180V (2Z)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
20
× 25
20
× 25
22
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
30
× 25
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 35
30
× 35
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1190
1390
1370
1560
1510
1740
1730
1710
2030
1970
1950
2180
2180
2150
2150
2480
2480
2480
2810
2790
2800
3280
3280
3150
3610
3570
4130
4060
4600
4590
5250
0.62
0.69
0.69
0.77
0.77
0.83
0.83
0.83
0.91
0.91
0.91
1.00
1.00
1.00
1.00
1.10
1.10
1.10
1.21
1.21
1.21
1.34
1.34
1.34
1.46
1.46
1.64
1.64
1.80
1.80
1.98
LLS2D221MELY
LLS2D271MELY
LLS2D271MELZ
LLS2D331MELY
LLS2D331MELZ
LLS2D391MELY
LLS2D391MELZ
LLS2D391MELA
LLS2D471MELY
LLS2D471MELZ
LLS2D471MELA
LLS2D561MELY
LLS2D561MELZ
LLS2D561MELA
LLS2D561MELB
LLS2D681MELZ
LLS2D681MELA
LLS2D681MELB
LLS2D821MELZ
LLS2D821MELA
LLS2D821MELB
LLS2D102MELZ
LLS2D102MELA
LLS2D102MELB
LLS2D122MELB
LLS2D122MELC
LLS2D152MELB
LLS2D152MELC
LLS2D182MELB
LLS2D182MELC
LLS2D222MELC
200V (2D)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
20
× 25
20
× 25
22
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
22
× 35
25
× 35
30
× 25
22
× 40
25
× 35
30
× 25
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
35
× 40
35
× 50
1200
1260
1240
1420
1500
1680
1660
1610
1920
1880
1880
2150
2150
2040
2480
2350
2350
2670
2710
3010
2980
2960
3560
3480
3990
3840
4330
4540
0.63
0.70
0.70
0.77
0.77
0.86
0.86
0.86
0.93
0.93
0.93
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.64
1.64
1.83
2.01
LLS2E181MELY
LLS2E221MELY
LLS2E221MELZ
LLS2E271MELY
LLS2E271MELZ
LLS2E331MELY
LLS2E331MELZ
LLS2E331MELA
LLS2E391MELY
LLS2E391MELZ
LLS2E391MELA
LLS2E471MELZ
LLS2E471MELA
LLS2E471MELB
LLS2E561MELZ
LLS2E561MELA
LLS2E561MELB
LLS2E681MELA
LLS2E681MELB
LLS2E821MELA
LLS2E821MELB
LLS2E821MELC
LLS2E102MELB
LLS2E102MELC
LLS2E122MELB
LLS2E122MELC
LLS2E152MELC
LLS2E182MELC
250V (2E)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
LS
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated ripple current (mArms) at 85°C 120Hz
CAT.8100C


Similar Part No. - LLS1C473MELC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS1C473MELC NICHICON-LLS1C473MELC Datasheet
93Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1C473MELC NICHICON-LLS1C473MELC Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
LLS1C473MELC NICHICON-LLS1C473MELC Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1C473MELC NICHICON-LLS1C473MELC Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1C473MELC NICHICON-LLS1C473MELC Datasheet
71Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS1C473MELC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com