Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XON-3200VHG Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # XON-3200VHG
Description  3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XON-3200VHG Datasheet(HTML) 1 Page - EUROQUARTZ limited

  XON-3200VHG Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
DESCRIPTION
XON-3200VHG series TCXOs are ceramic SMD TCXOs packaged in
an the industry-standard, ultra-miniature 3.2 x 2.5mm package. This
TCXO can be run from a supply voltage of 0.6 to 6.0 Volts. Stability is
±0.5ppm over -30° to +85°C.
Ultra-miniature SMD package 3.2 x 2.5 x 0.9mm
Stability 0.5ppm over -30° to +85°C
Supply Voltage from 0.6 Volts to 6.0 Volts
High stability TCXO, ideal for GPS and similar applications
SPECIFICATION
Product Series Code:
XON-3200VHG
Frequency Range:
12.6MHz to 40.0MHz
Output Waveform:
Clipped Sinewave
Initial Calibration Tolerance*:
±1.5ppm at 25°C
with Vcon = ½ Vdd DC
Frequency Stability
vs. Temperature Range:
±0.5 ppm over -30° to +85°C
vs. Input Voltage Change:
±0.2 ppm max. VDD ±5%
vs. Output Load Change:
±0.2 ppm max. at 10kΩ ±10%
with 10pF ±10%
vs. Ageing:
±1.0ppm max./year at 25°±3°C
Absolute Max. Ratings
Supply Voltage:
-0.6 Volts to +6.0 Volts
Control Voltage (Vcon):
-0.6 Volts to Vdd+0.5 Volts
Storae Temperature:
-40°C to +90°C
Operating Conditions
Operating Temperature:
-30° to +85°C (standard)
Input Voltage (Vdd):
Option 'F': +2.5 Volts ±5%
Option 'H': +2.8 Volts ±5%
Option 'J': +3.0 Volts ±5%
Option 'K': +3.3 Volts ±5%
Control Voltage (Vcon):
½ Vdd ±1VDC (Vdd = +2.5V,
+2.8V, +3.0V or +3.3V)
Input Current:
2mA max.
Output
Level:
0.8V p-p min.
Load:
10kΩ//10pF
Waveform:
Clipped Sinewave (DC Coupled)
Frequency Adjustment
Voltage Control:
(at ½ Vdd±1V) ±9.0 to ±15ppm
Frequency Slope:
Positive
SSB Phase Noise:
-130dBC/HZ at 1kHz offset
Harmonics:
-5.0dBc max.
Start-up Time:
2ms max.
IR Reflow Resistance:
±2.5ppm max. after 2 x reflows
(Vcon = ½Vdd DC at +25°±2°C)
Reflow Condition:
+250°±10°C for 10 seconds
Standard Frequencies:
16.38, 16.369, 19.200, 24.5535,
26.000 and 27.456MHz
Optional Operating Temperature: See table
XON-3200VHG - OUTLINES AND DIMENSIONS
PART NUMBERING PROCEDURE
Example:
XON-3200-VHG - xx
Where 'xx' refers to the above temperature/stability table.
TCXO - XON-3200VHG Series
* Stability over temperature is measured from this initial frequency.
12.6MHz to 40MHz
OPTIONAL TEMPERATURE RANGE
Low Limit/Symbol
High Limit/Symbol
°C
+°C
-10°
g
55
ff
-15
h
60
gg
-20
i
65
hh
-25
j
70
ii
-30
k
75
jj
-35
l
80
kk
-10
m
85
ll
Lid:
Metal
Base:
Ceramic
Sealing:
Seam weld
Terminal:
Tungsten (metalized)
Terminal Plating:
Gold (Au) over Nickel (N)
RoHS:
Compliant (Pb-free)
PACKAGE/MATERIAL COMPOSITION


Similar Part No. - XON-3200VHG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XON32 EUROQUARTZ-XON32 Datasheet
84Kb / 1P
   3.2 x 2.5mm, Wide Operating Temperature
XON53 EUROQUARTZ-XON53 Datasheet
84Kb / 1P
   5 x 3.2mm, Wide Operating Temperature
XON91 EUROQUARTZ-XON91 Datasheet
93Kb / 1P
   7 x 5mm, Wide Operating Temperature
More results

Similar Description - XON-3200VHG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM32S EUROQUARTZ-EM32S Datasheet
128Kb / 1P
   Clipped Sinewave 3.2 x 2.5 x1.3mm SMD
EM53S EUROQUARTZ-EM53S Datasheet
140Kb / 1P
   Clipped Sinewave 5 x 3.2 x1.2mm SMD
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
VEM22S EUROQUARTZ-VEM22S Datasheet
135Kb / 2P
   2.5 x 2.0 x 0.8mm Clipped Sinewave Output
XO22 EUROQUARTZ-XO22 Datasheet
222Kb / 2P
   2.5 x 2.0 x 0.9mm SMD HCMOS
EM57S EUROQUARTZ-EM57S Datasheet
145Kb / 1P
   Clipped Sinewave 7 x 5 x 2mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com