Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI0402D121R-10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LI0402D121R-10
Description  Ferrite EMI Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI0402D121R-10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LI0402D121R-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI0402D121R-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI0402D121R-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI0402D121R-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.lairdtech.com

www.lairdtech.com
www.lairdtech.com
SIP-BRO-CHIPBEADS-0308
All current ratings ( I MAX ) are based upon continuous operation.
All chart data can be sorted on www.lairdtech.com
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
25 MHz
Z @
100 MHz
Z @
500 MHz
Z @
1 GHz
1206 CHIP BEADS
(continued)
HI1206P121R-10
High Current
3216
56
120
130
105
142
300
0.030
4,000
HI1206T161R-10
High Current
3216
71
160
220
127
229
251
0.018
6,000
HI1206T500R-10
High Current
3216
19
50
66
70
70
1,000
0.010
6,000
HZ1206C202R-10
High Impedance
3216
1,673
915
180
100
2,505
41
0.500
300
HZ1206D102R-10
High Impedance
3216
201
1,000
185
100
1,000
100
0.400
400
HZ1206E152R-10
High Impedance
3216
823
950
188
57
1,564
57
0.300
500
HZ1206E601R-10
High Impedance
3216
296
600
202
103
674
75
0.300
500
LI1206H121R-10
Low Current
3216
53
120
144
135
145
422
0.150
800
LI1206H151R-10
Low Current
3216
73
150
173
123
182
241
0.150
800
MI1206K260R-10
Mid Current
3216
12
26
44
46
46
1,000
0.060
1,500
MI1206K310R-10
Mid Current
3216
12
31
37
41
41
1,000
0.045
1,500
MI1206K601R-10
Mid Current
3216
300
600
250
130
650
80
0.080
1,500
MI1206K900R-10
Mid Current
3216
44
90
142
150
154
867
0.080
1,500
MI1206L391R-10
Mid Current
3216
100
390
160
90
460
130
0.050
2,000
MI1206L501R-10
Mid Current
3216
210
500
150
82
500
100
0.060
2,000
1210 CHIP BEAD
MI1210K600R-10
Mid Current
3225
30
60
90
95
105
900
0.035
1,500
1612 HIGH CURRENT CHIP BEAD
HI1612X560R-10
High Current
4131
23
56
75
79
79
1,000
0.004
10,000
1806 CHIP BEADS
HI1806N910R-10
High Current
4516
42
91
140
150
150
1,000
0.030
3,000
HI1806T600R-10
High Current
4516
28
60
87
92
92
1,000
0.010
6,000
HZ1806K102R-10
High Impedance
4516
60
1,000
160
80
1,390
135
0.150
1500
LI1806C151R-10
Low Current
4516
60
150
219
222
223
871
0.500
300
LI1806E101R-10
Low Current
4516
45
100
157
164
166
966
0.300
500
LI1806E800R-10
Low Current
4516
28
80
117
117
117
1,000
0.300
500
MI1806J800R-10
Mid Current
4516
34
78
114
118
119
903
0.030
1,000
1812 CHIP BEADS
HI1812T800R-10
High Current
4532
30
80
97
107
107
1,000
0.010
6,000
HI1812V101R-10
High Current
4532
45
100
136
134
139
800
0.010
8,000
LI1812D121R-10
Low Current
4532
55
120
182
184
186
738
0.400
400
MI1812K121R-10
Mid Current
4532
45
120
162
170
175
900
0.055
1,500
2220 CHIP BEADS
HI2220P171R-10
High Current
5620
78
170
256
237
256
500
0.030
4,000
HI2220P251R-10
High Current
5620
100
250
172
91
390
200
0.015
4,000
HI2220P271R-10
High Current
5620
110
270
360
250
390
300
0.035
4,000
HI2220P551R-10
High Current
5620
180
550
670
343
850
300
0.035
4,000
HI2220P601R-10
High Current
5620
220
600
184
106
600
100
0.025
4,000


Similar Part No. - LI0402D121R-10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LI0402D121R-10 LSTD-LI0402D121R-10 Datasheet
139Kb / 1P
   this print is the property of laird tech
More results

Similar Description - LI0402D121R-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com