Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1007C470MDWST Datasheet(PDF) 10 Page - Kemet Corporation

Part # L1007C470MDWST
Description  Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1007C470MDWST Datasheet(HTML) 10 Page - Kemet Corporation

Back Button L1007C470MDWST Datasheet HTML 6Page - Kemet Corporation L1007C470MDWST Datasheet HTML 7Page - Kemet Corporation L1007C470MDWST Datasheet HTML 8Page - Kemet Corporation L1007C470MDWST Datasheet HTML 9Page - Kemet Corporation L1007C470MDWST Datasheet HTML 10Page - Kemet Corporation L1007C470MDWST Datasheet HTML 11Page - Kemet Corporation L1007C470MDWST Datasheet HTML 12Page - Kemet Corporation L1007C470MDWST Datasheet HTML 13Page - Kemet Corporation L1007C470MDWST Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
10
1007 Case Size High Current Type (L-DWI Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency (MHz)
Tape & Reel
Packaging Quantity
12
L1007C1R0MDWIT
1.0
±20%
100
0.08
1000
1200
7.96
2,000
L1007C2R2MDWIT
2.2
±20%
68
0.13
890
1100
7.96
2,000
L1007C4R7MDWIT
4.7
±20%
41
0.20
680
920
7.96
2,000
L1007C100MDWIT
10
±20%
30
0.36
480
680
2.52
2,000
L1007C220MDWIT
22
±20%
19
0.77
320
460
2.52
2,000
L1007C470MDWIT
47
±20%
12
1.90
240
290
2.52
2,000
L1007C101MDWIT
100
±20%
9
3.7
160
170
0.796
2,000
L1007C220MDWIT
220
±20%
5.5
8.4
115
110
0.796
2,000
L1007C470MDWIT
470
±20%
3.5
22
80
70
0.796
2,000
L1007C681MDWIT
680
±20%
3
28
65
60
0.796
2,000
1210 Case Size High Current Low Rdc Type (L-DWI Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current
(mA)
Measuring
Frequency (MHz)
Tape & Reel
Packaging Quantity
12
L1210R1R0MDWIT
1.0
±20%
250
0.055
2000
1440
0.1
1,000
L1210R1R5MDWIT
1.5
±20%
220
0.06
2000
1310
0.1
1,000
L1210R2R2MDWIT
2.2
±20%
190
0.08
2000
1130
0.1
1,000
L1210R3R3MDWIT
3.3
±20%
160
0.095
1800
1040
0.1
1,000
L1210R4R7MDWIT
4.7
±20%
70
0.1
1250
1010
0.1
1,000
L1210R6R8MDWIT
6.8
±20%
50
0.12
930
940
0.1
1,000
L1210R100(_)DWIT
10
K=±10%, M=±20%
23
0.133
900
900
0.1
1,000
L1210R150(_)DWIT
15
K=±10%, M=±20%
20
0.195
730
850
0.1
1,000
L1210R220(_)DWIT
22
K=±10%, M=±20%
17
0.27
620
780
0.1
1,000
L1210R330(_)DWIT
33
K=±10%, M=±20%
13
0.41
500
570
0.1
1,000
L1210R470(_)DWIT
47
K=±10%, M=±20%
10
0.67
390
480
0.1
1,000
L1210R680(_)DWIT
68
K=±10%, M=±20%
8
1
320
410
0.1
1,000
L1210R101(_)DWIT
100
K=±10%, M=±20%
6
1.4
270
340
0.1
1,000
(_) - Insert Inductance Tolerance Code (K or M)
*For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table.
*For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter.
In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before
practical application.
Rated current (1):Current value to guarantee -30% of nominal inductance (at 20ºC)
Rated current (2):Current value to guarantee component temperature within
ΔT = 40°C with current flow. (It's not the current to guarantee the inductance value)
(_) - Insert Inductance Tolerance Code (K or M)
0603 Case Size Power, Bottom Surface Electrode Type (L-DWF 1608 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency (MHz)
Tape & Reel
Packaging
Quantity
12
L0603B1R0MDWFT
1.0
±20%
100
0.09
290
770
7.96
2,000
L0603B2R2MDWFT
2.2
±20%
80
0.17
190
560
7.96
2,000
L0603B4R7MDWFT
4.7
±20%
45
0.24
145
470
7.96
2,000
L0603B100(_)DWFT
10
K=±10%, M=±20%
32
0.36
115
380
2.52
2,000
L0603B220(_)DWFT
22
K=±10%, M=±20%
16
1.00
70
230
2.52
2,000
L0603B470(_)DWFT
47
K=±10%, M=±20%
11
2.5
50
140
2.52
2,000
0805 Case Size Low Profile Type (L-DWL Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency (MHz)
Tape & Reel
Packaging Quantity
12
L0805C4R7MDWLT
4.7
±20%
45
0.66
275
490
0.10
4,000
L0805C100MDWLT
10
±20%
32
1.00
205
370
0.10
4,000
L0805C470MDWLT
47
±20%
11
4.20
100
140
0.10
4,000


Similar Part No. - L1007C470MDWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1007C470MPWIT KEMET-L1007C470MPWIT Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L1007C470MPWST KEMET-L1007C470MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L1007C470MPWST KEMET-L1007C470MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L1007C470MPWST KEMET-L1007C470MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
More results

Similar Description - L1007C470MDWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C100MPWST KEMET-L0805C100MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0603B100KPWFT KEMET-L0603B100KPWFT Datasheet
54Kb / 1P
   KEMET, L-PWF, Power, 10 uH, 10%
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
   PIT 2,5-PE/L/L
logo
Weidmuller
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
   S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com