Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCA50S-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LCA50S-12
Description  Small and compact PCB construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LCA50S-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LCA50S-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCA50S-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCA50S-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
LCA50S
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
LCA50S-3
DC 110 -
170
AC 85 - 132
30
3V
10A
LCA50S-5
DC 110 -
170
AC 85 - 132
50
5V
10A
LCA50S-12
DC 110 -
170
AC 85 - 132
51.6
12V
4.3A
LCA50S-15
DC 110 -
170
AC 85 - 132
52.5
15V
3.5A
LCA50S-24
DC 110 -
170
AC 85 - 132
60
24V
2.5A
LCA50S-24-H
DC 110 -
170
AC 85 - 132
60
(peak 72)
24V
2.5A
(peak 3A)
LCA50S-36
DC 110 -
170
AC 85 - 132
61.2
36V
1.7A
LCA50S-48
DC 110 -
170
AC 85 - 132
62.4
48V
1.3A
Features
Small and compact PCB construction
UL recognized, CSA certified
Built-in Inrush Current Protection
RoHS Compliant
Safety Agency Approvals
Complies with DEN-AN
UL1950, CSA C22.2 No.234
EMI Compliance
FCC-B
VCCI-B
2 year warranty(refer to Instruction Manual)


Similar Part No. - LCA50S-12

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCA500-12H-6 PANDUIT-LCA500-12H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-1H-6 PANDUIT-LCA500-1H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-34H-6 PANDUIT-LCA500-34H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-38H-6 PANDUIT-LCA500-38H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
LCA500-58H-6 PANDUIT-LCA500-58H-6 Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug, 45 Angle
More results

Similar Description - LCA50S-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAF512 ETC2-VAF512 Datasheet
122Kb / 3P
   Small and compact size
logo
Everlight Electronics C...
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01A-P01-TR EVERLIGHT-EHP-C04-NT01A-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W85A0 EVERLIGHT-EAFL2016W85A0 Datasheet
566Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W16A0 EVERLIGHT-EAFL2016W16A0 Datasheet
552Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W20A0 EVERLIGHT-EAFL2016W20A0 Datasheet
569Kb / 13P
   Small & compact package and with high efficiency
logo
Laird Tech Smart Techno...
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
   Small compact design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com