Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS11402 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBS11402
Description  114MHz SAW Filter 0.38MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11402 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBS11402 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11402 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11402 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11402
Rev. Date
2005-7-25
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.01
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
114MHz SAW Filter
0.38MHz Bandwidth
Part Number: LBS11402
Package Dimension
1
2
3
4
Input2
Output4
Grounded3


Similar Part No. - LBS11402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11402 SIPAT-LBS11402 Datasheet
265Kb / 3P
   114MHz SAW Filter 0.38MHz Bandwidth
More results

Similar Description - LBS11402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11402 SIPAT-LBS11402 Datasheet
265Kb / 3P
   114MHz SAW Filter 0.38MHz Bandwidth
LBS11401 SIPAT-LBS11401 Datasheet
289Kb / 3P
   114MHz SAW Filter 0.48MHz Bandwidth
LBS11403 SIPAT-LBS11403 Datasheet
279Kb / 3P
   114MHz SAW Filter 0.48MHz Bandwidth
LBT11404 SIPAT-LBT11404 Datasheet
153Kb / 3P
   114MHz SAW Filter 4MHz Bandwidth
LBS11401 SIPAT-LBS11401 Datasheet
295Kb / 3P
   114MHz SAW Filter 0.48MHz Bandwidth
LBN11403 SIPAT-LBN11403 Datasheet
142Kb / 3P
   114MHz SAW Filter 11MHz Bandwidth
LBS11403 SIPAT-LBS11403 Datasheet
285Kb / 3P
   114MHz SAW Filter 0.48MHz Bandwidth
LBN11403 SIPAT-LBN11403 Datasheet
136Kb / 3P
   114MHz SAW Filter 11MHz Bandwidth
LBT11404 SIPAT-LBT11404 Datasheet
148Kb / 3P
   114MHz SAW Filter 4MHz Bandwidth
LBT11405 SIPAT-LBT11405 Datasheet
154Kb / 3P
   114MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com