Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR607G Datasheet(PDF) 1 Page - Dc Components

Part # FR607G
Description  TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FR607G Datasheet(HTML) 1 Page - Dc Components

  FR607G Datasheet HTML 1Page - Dc Components FR607G Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 6.0 Amperes
FEATURES
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
* High switching capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 2.08 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR601G
THRU
FR607G
R-6
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
FR601G FR602G FR603G FR604G FR605G FR606G FR607G UNITS
50
100
400
800
1000
Volts
Volts
Volts
Amps
35
50
420
600
70
100
280
400
600
560
800
700
1000
6.0
300
50
-65 to + 150
Amps
pF
0 C
200
140
200
at Rated DC Blocking Voltage TA = 25
oC
Maximum Full Load Reverse Current Average,
Full Cycle .375*(9.5mm) lead length at T L = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
IR
trr
1.3
5.0
100
150
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 6.0A DC
Volts
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
132
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - FR607G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR607G JGD-FR607G Datasheet
147Kb / 2P
   6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
FR607G CHENDA-FR607G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR607G CHENDA-FR607G Datasheet
609Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
FR607G GOOD-ARK-FR607G Datasheet
195Kb / 3P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Sangdest Microelectroni...
FR607G SMC-FR607G Datasheet
179Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - FR607G

ManufacturerPart #DatasheetDescription
logo
Dc Components
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G DCCOM-1N4933G Datasheet
408Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G DCCOM-FR101G Datasheet
428Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com