Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBL293 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LBL293
Description  Version 1.0 (Replacement in due course)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBL293 Datasheet(HTML) 4 Page - OSRAM GmbH

  LBL293 Datasheet HTML 1Page - OSRAM GmbH LBL293 Datasheet HTML 2Page - OSRAM GmbH LBL293 Datasheet HTML 3Page - OSRAM GmbH LBL293 Datasheet HTML 4Page - OSRAM GmbH LBL293 Datasheet HTML 5Page - OSRAM GmbH LBL293 Datasheet HTML 6Page - OSRAM GmbH LBL293 Datasheet HTML 7Page - OSRAM GmbH LBL293 Datasheet HTML 8Page - OSRAM GmbH LBL293 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2012-10-01
4
Version 1.0 (Replacement in due course)
LB L293
Characteristics (TA = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
465
nm
Dominant Wavelength 3) page 20
Dominantwellenlänge 3) Seite 20
(typ.)
λdom
470
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
155 (horizontal)
135 (vertical)
°
Forward voltage 4) page 20
Durchlassspannung 4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
3.10
3.50
V
V
V
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.04
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.03
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-4.50
mV/K
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
Rth JA real
450
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
260
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LBL293

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LBL29G-P2R1-35-1 OSRAM-LBL29G-P2R1-35-1 Datasheet
234Kb / 15P
   SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LBL29S OSRAM-LBL29S Datasheet
429Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LBL293

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGL29K-G2J1-24-Z OSRAM-LGL29K-G2J1-24-Z Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
Q65110A1791 OSRAM-Q65110A1791 Datasheet
396Kb / 21P
   Replacement in due course
logo
Molex Electronics Ltd.
130112-0126 MOLEX11-130112-0126 Datasheet
31Kb / 1P
   In-line Replacement Transformer
logo
Samsung semiconductor
DDRSDRAM1111 SAMSUNG-DDRSDRAM1111 Datasheet
669Kb / 53P
   DDR SDRAM Specification Version 1.0
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
   Version 1.0 of the SiM3U1xx
logo
Vishay Siliconix
SC300 VISHAY-SC300 Datasheet
100Kb / 1P
   Strain Measuring Systems Short Course
Revision: 19-Nov-03
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
   Drop-In Replacement for CPC7591
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
   Drop-in replacement for CPC7592
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com