Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY1-D-DC24 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # LY1-D-DC24
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1-D-DC24 Datasheet(HTML) 3 Page - Omron Electronics LLC

  LY1-D-DC24 Datasheet HTML 1Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 2Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 3Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 4Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 5Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 6Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 7Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 8Page - Omron Electronics LLC LY1-D-DC24 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
444
General Purpose Relay – LY
Three-pole Relays
Rated voltage
Rated current
Coil
Coil Induction
Must
Must
Max.
Power
Resistance
(reference value)
operate
release
voltage
consumption
voltage
voltage
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
310 mA
270 mA
6.7 Ω
0.03 H
0.05 H
80% max.
30% min.
110%
12 V
159 mA
134 mA
24 Ω
0.12 H
0.21 H
24 V
80 mA
67 mA
100 Ω
0.44 H
0.79 H
50 V
38 mA
33 mA
410 Ω
2.24 H
3.87 H
100/110 V
14.1/16 mA 12.4/13.7 mA 2,300 Ω
10.5 H
18.5 H
200/220 V
9.0/10.0 mA 7.7/8.5 mA
8,650 Ω
34.8 H
59.5 H
DC
6 V
234 mA
25.7 Ω
0.11 H
0.21 H
10% min.
1.4 W
12 V
112 mA
107 Ω
0.45 H
0.98 H
24 V
58.6 mA
410 Ω
1.89 H
3.87 H
48 V
28.2 mA
1,700 Ω
8.53 H
13.9 H
100/110 V
12.7/13 mA
8,500 Ω
29.6 H
54.3 H
Note: See notes under next table.
1.6 to
2.0 VA
(60 Hz)
Four-pole Relays
Rated voltage
Rated current
Coil
Coil Induction
Must
Must
Max.
Power
Resistance
(reference value)
operate
release
voltage
consumption
voltage
voltage
(approx.)
50 Hz
60 Hz
Arm. OFF
Arm. ON
% of rated voltage
AC
6 V
386 mA
330 mA
5 Ω
0.02 H
0.04 H
80% max.
30% min.
110%
12 V
199 mA
170 mA
20 Ω
0.10 H
0.17 H
24 V
93.6 mA
80 mA
78 Ω
0.38 H
0.67 H
50 V
46.8 mA
40 mA
350 Ω
1.74 H
2.88 H
100/110 V
22.5/25.5 mA 19/21.8 mA 1,600 Ω
10.5 H
17.3 H
200/220 V
11.5/13.1 mA 9.8/11.2 mA 6,700 Ω
33.1 H
57.9 H
DC
6 V
240 mA
25 Ω
0.09 H
0.21 H
10% min.
1.5 W
12 V
120 mA
100 Ω
0.39 H
0.84 H
24 V
69 mA
350 Ω
1.41 H
2.91 H
48 V
30 mA
1,600 Ω
6.39 H
13.6 H
100/110 V
15/15.9 mA
6,900 Ω
32 H
63.7 H
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of +15%/–20% for rated
currents and ±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23°C.
3. AC coil resistance and impedance are provided as reference values (at 60 Hz).
4. Power consumption drop was measured for the above data. When driving transistors, check leakage current and connect a
bleeder resistor if required.
1.95 to
2.5 VA
(60 Hz)
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 444


Similar Part No. - LY1-D-DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1-D OMRON-LY1-D Datasheet
438Kb / 15P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
719Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
679Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
674Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY1-D-DC24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com