Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2N-DC100110 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # LY2N-DC100110
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2N-DC100110 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button LY2N-DC100110 Datasheet HTML 4Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 5Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 6Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 7Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 8Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 9Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 10Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 11Page - Omron Electronics LLC LY2N-DC100110 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
449
General Purpose Relay – LY
Dimensions
Note: All units are in millimetres unless otherwise indicated.
Relays with Solder/Plug-in Terminals
Note: The DC models have polarity.
LY2Z
Maximum Switching Power
Switching voltage (V)
Switching current (A)
LY2Z
Endurance
AC resistive load
AC
(cos
φ = 0.4)
DC resistive load
DC
L/R = 7 ms
Life: 500,000 operations
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
10
5
1
0.5
10
100
500 1,000
50
10,000
5,000
1,000
500
02
4
6
8
10
100
0
Eight, 2-dia. holes
LY1
LY1N (-D2)
LY1-D
0.5
5
3
6.4
36 max.
28 max.
21.5
max.
Terminal Arrangement/Internal Connections (Bottom View)
LY1
LY1-D
LY1N
DC Model
AC Model
LY1N-D2
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 449


Similar Part No. - LY2N-DC100110

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2N-D2 OMRON-LY2N-D2 Datasheet
438Kb / 15P
   General Purpose Relay
LY2N-D2 OMRON-LY2N-D2 Datasheet
719Kb / 16P
   General Purpose Relay
LY2N-D2 OMRON-LY2N-D2 Datasheet
679Kb / 16P
   General Purpose Relay
LY2N-D2 OMRON-LY2N-D2 Datasheet
674Kb / 16P
   General Purpose Relay
LY2N-D2 OMRON-LY2N-D2 Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY2N-DC100110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com