Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY1-DC24 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # LY1-DC24
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1-DC24 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button LY1-DC24 Datasheet HTML 2Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 3Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 4Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 5Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 6Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 7Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 8Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 9Page - Omron Electronics LLC LY1-DC24 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
447
General Purpose Relay – LY
Approved Standards
UL 508 Recognitions (File No. 41643)
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 30 VDC (Resistive)
6 x 103
15 A, 240 VAC (General use)
TV-5, 120 VAC
25 x 103
1/2 HP, 120 VAC
2
15 A, 28 VDC (Resistive)
6 x 103
15 A, 120 VAC (Resistive)
12 A, 240 VAC (General use)
1/2 HP, 120 VAC
25 x 103
TV-3, 120 VAC
3 and 4
10 A, 30 VDC (Resistive)
6 x 103
10 A, 240 VAC (General use)
1/3 HP, 240 VAC
6 to 240 VAC
6 to 125 VDC
CSA 22.2 No. 14 Listings (File No. LR31928)
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 30 VDC (Resistive)
6 x 103
15 A, 120 VAC (General use)
1/2 HP, 120 VAC
25 x 103
TV-5, 120 VAC
2
15 A, 30 VDC (Resistive)
6 x 103
15 A, 120 VAC (Resistive)
1/2 HP, 120 VAC
TV-3, 120 VAC
3 and 4
10 A, 30 VDC (Resistive)
10 A, 240 VAC (General use)
6 to 240 VAC
6 to 125 VDC
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 24 VDC
6 x 103
15 A, 220 VAC
2 to 4
10 A, 24 VDC
10 A, 220 VAC
6 to 240 VAC
6 to 125 VDC
SEV Listings (File No. D3,31/137)
TÜV (File No. R9251226) (IEC255)
No. of poles
Coil ratings
Contact ratings
Operations
1 to 4
6 to 125 VDC
LY1, LY1-FD
100 x 103
6 to 240 VAC
15 A, 110 VAC (cosϕ = 1)
10 A, 110 VAC (cosϕ = 0.4)
LY2, LY2-FD, LY3, LY3-FD,
LY4, LY4-FD
10 A, 110 VAC (cosϕ = 1)
7.5 A, 110 VAC (cosϕ = 0.4)
VDE Recognitions (No. 9903UG and 9947UG)
No. of poles
Coil ratings
Contact ratings
Operations
1
6, 12, 24, 50, 110, 220 VAC
10 A, 220 VAC (cosϕ = 1)
200 x 103
6, 12, 24, 48, 110 VDC
7 A, 220 VAC (cosϕ = 0.4)
10 A, 28 VDC (L/R = 0 ms)
7 A, 28 VDC (L/R = 7 ms)
2
7 A, 220 VAC (cosϕ = 1)
4 A, 220 VAC (cosϕ = 0.4)
7 A, 28 VDC (L/R = 0 ms)
4 A, 28 VDC (L/R = 7 ms)
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 447


Similar Part No. - LY1-DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1-D OMRON-LY1-D Datasheet
438Kb / 15P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
719Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
679Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
674Kb / 16P
   General Purpose Relay
LY1-D OMRON-LY1-D Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY1-DC24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com